Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2250 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 17Page - OKI electronic componets ML2250 Datasheet HTML 18Page - OKI electronic componets ML2250 Datasheet HTML 19Page - OKI electronic componets ML2250 Datasheet HTML 20Page - OKI electronic componets ML2250 Datasheet HTML 21Page - OKI electronic componets ML2250 Datasheet HTML 22Page - OKI electronic componets ML2250 Datasheet HTML 23Page - OKI electronic componets ML2250 Datasheet HTML 24Page - OKI electronic componets ML2250 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
21/36
FUNCTIONAL DESCRIPTION
Micro-computer Interface
The micro-computer interface in the ML2250 family has 2 types of interface circuits built in: Parallel interface and
serial interface. The interface setting can be changed with the SERIAL pin.
SERIAL pin = "H" level: Serial interface
SERIAL pin = "L" level: Parallel interface
Table below shows the SERIAL pin status in the serial and parallel interfaces.
SERIAL =
“L”
SERIAL =
“H”
Parallel interface
Serial interface
D7 (I/O)
D (I)
Serial data input pin
D6 (I/O)
SCK (I)
Serial clock input pin
D5 (I/O)
DO (O)
Serial data output pin
D4 (I/O)
D4 (I)
Not used. (Input
“L” level.)
D3 (I/O)
D3 (I)
Not used. (Input
“L” level.)
D2 (I/O)
D2 (I)
Not used. (Input
“L” level.)
D1 (I/O)
D1 (I)
Not used. (Input
“L” level.)
D0 (I/O)
Data input/output pins
D0 (I)
Not used. (Input
“L” level.)
1. Parallel Interface
When selecting the parallel interface, the I/O pins ÝÍ, ÉÎô ÜÉ, D7 to D0, and ÎÜ are used as input pins to input
various commands and data, and as output pins to read out the status of the commands and data input.
The micro-computer interface becomes effective when the ÝÍ pin is set to “L” level.
When a command or data is input, the input data to D7 through D0 pins is captured inside the device on the
rising edge of the ÉÎ pin.
The ÜÉ pin is used to input data after having input the EXT or Flash I/F command. The method to input data to
the ÜÉ pin is the same as the method to input command from the ÉÎ pin.
To read the channels status, pins ÝÍ and ÎÜ are made “L” level. By doing so, the status signals (NCR1, NCR2,
ÞËÍÇï
, ÞËÍÇî) of each channel are output to D3 through D0 pins. D7 to D4 pins usually output “L” level.
Command and Data Input Timing
Data Stable
CS
(I)
WR
, DW (I)
D7 to D0 (I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com