| Electronic Components Datasheet Search |
|
ML22Q58GA Datasheet(PDF) 21 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML22Q58GA Datasheet(HTML) 21 Page - OKI electronic componets |
|
21 / 36 page ![]() FEDL2250DIGEST-09 OKI Semiconductor ML2250 family 21/36 FUNCTIONAL DESCRIPTION Micro-computer Interface The micro-computer interface in the ML2250 family has 2 types of interface circuits built in: Parallel interface and serial interface. The interface setting can be changed with the SERIAL pin. SERIAL pin = "H" level: Serial interface SERIAL pin = "L" level: Parallel interface Table below shows the SERIAL pin status in the serial and parallel interfaces. SERIAL = “L” SERIAL = “H” Parallel interface Serial interface D7 (I/O) D (I) Serial data input pin D6 (I/O) SCK (I) Serial clock input pin D5 (I/O) DO (O) Serial data output pin D4 (I/O) D4 (I) Not used. (Input “L” level.) D3 (I/O) D3 (I) Not used. (Input “L” level.) D2 (I/O) D2 (I) Not used. (Input “L” level.) D1 (I/O) D1 (I) Not used. (Input “L” level.) D0 (I/O) Data input/output pins D0 (I) Not used. (Input “L” level.) 1. Parallel Interface When selecting the parallel interface, the I/O pins ÝÍ, ÉÎô ÜÉ, D7 to D0, and ÎÜ are used as input pins to input various commands and data, and as output pins to read out the status of the commands and data input. The micro-computer interface becomes effective when the ÝÍ pin is set to “L” level. When a command or data is input, the input data to D7 through D0 pins is captured inside the device on the rising edge of the ÉÎ pin. The ÜÉ pin is used to input data after having input the EXT or Flash I/F command. The method to input data to the ÜÉ pin is the same as the method to input command from the ÉÎ pin. To read the channels status, pins ÝÍ and ÎÜ are made “L” level. By doing so, the status signals (NCR1, NCR2, ÞËÍÇï , ÞËÍÇî) of each channel are output to D3 through D0 pins. D7 to D4 pins usually output “L” level. Command and Data Input Timing Data Stable CS (I) WR , DW (I) D7 to D0 (I/O) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |