Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5116800C Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5116800C
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5116800C Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5116800C Datasheet HTML 2Page - OKI electronic componets MSM5116800C Datasheet HTML 3Page - OKI electronic componets MSM5116800C Datasheet HTML 4Page - OKI electronic componets MSM5116800C Datasheet HTML 5Page - OKI electronic componets MSM5116800C Datasheet HTML 6Page - OKI electronic componets MSM5116800C Datasheet HTML 7Page - OKI electronic componets MSM5116800C Datasheet HTML 8Page - OKI electronic componets MSM5116800C Datasheet HTML 9Page - OKI electronic componets MSM5116800C Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
¡ Semiconductor
MSM5116800C
AC Characteristics (1/2)
Random Read or Write Cycle Time
Read Modify Write Cycle Time
Fast Page Mode Cycle Time
Fast Page Mode Read Modify Write
Cycle Time
Access Time from
RAS
Access Time from
CAS
Access Time from Column Address
Access Time from
CAS Precharge
CAS to Data Output Buffer Turn-off Delay Time
Transition Time
RAS Precharge Time
RAS Pulse Width
RAS Pulse Width (Fast Page Mode)
RAS Hold Time
CAS Pulse Width
CAS Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
CAS to RAS Precharge Time
Row Address Set-up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
Column Address to
RAS Lead Time
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to
RAS
Access Time from
OE
OE to Data Output Buffer Turn-off Delay Time
Refresh Period
RAS Hold Time referenced to OE
RAS Hold Time from CAS Precharge
tRC
tRWC
tPC
tPRWC
tRAC
tCAC
tAA
tCPA
tOFF
tT
tRP
tRAS
tRASP
tRSH
tCAS
tCSH
tRCD
tRAD
tCRP
tASR
tRAH
tASC
tCAH
tRAL
tRCS
tRCH
tRRH
tOEA
tOEZ
tREF
tROH
tRHCP
Output Low Impedance Time from
CAS
tCLZ
CAS Precharge Time (Fast Page Mode)
tCP
Parameter
MSM5116800
C-60
MSM5116800
C-70
MSM5116800
C-50
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3, 11, 12
Symbol
Note
4, 5, 6
4, 5
4, 6
4
7
5
6
8
8
4
7
4
3
Max.
—
—
—
—
60
15
30
35
—
15
50
—
10,000
100,000
—
—
10,000
—
45
30
—
—
—
—
—
—
—
—
—
15
15
64
—
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ms
ns
ns
Min.
90
131
35
76
—
—
—
—
0
0
3
30
50
50
13
7
13
50
17
12
5
0
7
0
7
25
0
0
0
—
0
—
13
30
Max.
—
—
—
—
50
13
25
30
—
13
50
—
10,000
100,000
—
—
10,000
—
37
25
—
—
—
—
—
—
—
—
—
13
13
64
—
—
Min.
130
185
45
100
—
—
—
—
0
0
3
50
70
70
20
10
20
70
20
15
5
0
10
0
15
35
0
0
0
—
0
—
20
40
Max.
—
—
—
—
70
20
35
40
—
20
50
—
10,000
100,000
—
—
10,000
—
50
35
—
—
—
—
—
—
—
—
—
20
20
64
—
—
Min.
110
155
40
85
—
—
—
—
0
0
3
40
60
60
15
10
15
60
20
15
5
0
10
0
15
30
0
0
0
—
0
—
15
35
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com