Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1974ARUZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1974ARUZ-R7
Description  Bidirectional, Synchronous PWM Controller for Battery Test and Formation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1974ARUZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1974ARUZ-R7 Datasheet HTML 1Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 2Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 3Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADP1974ARUZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Bidirectional, Synchronous PWM Controller
for Battery Test and Formation
Data Sheet
ADP1974
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage range: 6 V to 60 V
On-board 5 V linear regulator
Buck/charge or boost/discharge mode
High PWM linearity with internal 4 V p-p PWM ramp voltage
FAULT and COMP input compatible with AD8450/AD8451
Programmable dead time control
Adjustable frequency from 50 kHz to 300 kHz
Synchronization output or input with adjustable phase shift
Programmable maximum duty cycle
Programmable soft start
Peak hiccup current-limit protection
Pin-compatible with ADP1972 (asynchronous version)
TSD protection
16-lead TSSOP
APPLICATIONS
Single and multicell battery formation and testing
High efficiency battery test systems with recycle capability
Battery conditioning (charging and discharging) systems
Compatible with AD8450/AD8451 constant voltage (CV) and
constant current (CC) analog front end error amplifier
GENERAL DESCRIPTION
The ADP1974 is a constant frequency, voltage mode, synchronous,
pulse-width modulation (PWM) controller for bidirectional dc-to-
dc applications. The ADP1974 is designed for use in battery testing,
formation, and conditioning applications with an external, high
voltage field effect transistor (FET) half bridge driver, and an
external control device such as the AD8450/AD8451. The device
operates as a buck converter in battery charge mode and as a boost
converter in discharge mode to recycle energy to the input bus.
The ADP1974 high voltage VIN supply pin can withstand a
maximum operating voltage of 60 V and reduces the need for
additional system supply voltages. The ADP1974 has integrated
features such as precision enable, internal and external
synchronization control with programmable phase shift,
programmable maximum duty cycle, dead time control, and peak
hiccup current-limit protection. Additional protection features
include soft start to limit input inrush current during startup,
precision enable, and thermal shutdown (TSD). The ADP1974
also has a COMP pin to provide external control of the PWM
duty cycle and a FAULT pin that can disable the DH and DL
outputs. These functions are compatible with the AD8450/AD8451
analog front-end (AFE) error amplifiers.
The ADP1974 is available in a 16-lead TSSOP package and is
pin-compatible with the ADP1972.
TYPICAL APPLICATION CIRCUIT
DH
DL
CL
GND
+24V RECYLCING DC BUS
VIN
+24V
MODE
COMP
FAULT
VCTRL
MODE
FAULT
ISVP
ISVN
BVN0
BVP0
++
––
ISET
ON/OFF
VOLTAGE
SETPOINT
CURRENT
SETPOINT
LOOP
COMPENSATION
BATTERY CHARGER SYSTEM CONTROL
CHARGE/
DISCHARGE
VSET
EN
ADP1974
AD8450
VREG
FREQ
SYNC
DMAX
SCFG
SS
HV
MOSFET
DRIVER
ADuM7223
DT
NOTES
1. THE AD8450 AND ADuM7223 ARE SIMPLIFIED REPRESENTATIONS.
Figure 1.


Similar Part No. - ADP1974ARUZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP197 AD-ADP197 Datasheet
269Kb / 16P
5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
ADP197 AD-ADP197 Datasheet
277Kb / 13P
5 V, 3 A Logic Controlled High-Side Power Switch
Rev. C
ADP1972 AD-ADP1972 Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972-EVALZ AD-ADP1972-EVALZ Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
ADP1972ARUZ-R7 AD-ADP1972ARUZ-R7 Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
More results

Similar Description - ADP1974ARUZ-R7

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
Synchronous Buck PWM and Linear Controller
logo
Analog Devices
AD8450 AD-AD8450 Datasheet
1Mb / 41P
Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. B
AD8451 AD-AD8451 Datasheet
911Kb / 32P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. 0
logo
Intersil Corporation
ISL78226 INTERSIL-ISL78226 Datasheet
1Mb / 94P
6-Phase 12V/48V Bidirectional Synchronous PWM Controller
November 7, 2016
logo
Analog Devices
AD8451 AD-AD8451_17 Datasheet
949Kb / 33P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
23-Feb-2017
logo
Renesas Technology Corp
ISL78226 RENESAS-ISL78226 Datasheet
5Mb / 121P
6-Phase 12V/48V Bidirectional Synchronous PWM Controller
logo
Analog Devices
ADBT1002 AD-ADBT1002 Datasheet
1Mb / 44P
4-Channel AFE, Digital Controller, and PWM for Battery Formation and Testing
ADBT1001 AD-ADBT1001 Datasheet
2Mb / 49P
4-Channel AFE, Digital Controller, and PWM for Battery Formation and Testing
6/2021-Revision 0
ADP1972 AD-ADP1972 Datasheet
415Kb / 18P
Buck or Boost, PWM Controller for Battery Test Solutions
11/14-Rev. A to Rev. B
logo
Renesas Technology Corp
ISL78224 RENESAS-ISL78224 Datasheet
8Mb / 147P
4-Phase 12V/48V Bidirectional Synchronous PWM Controller
Oct 10, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com