Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9213 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9213 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9213 Datasheet HTML 7Page - OKI electronic componets ML9213 Datasheet HTML 8Page - OKI electronic componets ML9213 Datasheet HTML 9Page - OKI electronic componets ML9213 Datasheet HTML 10Page - OKI electronic componets ML9213 Datasheet HTML 11Page - OKI electronic componets ML9213 Datasheet HTML 12Page - OKI electronic componets ML9213 Datasheet HTML 13Page - OKI electronic componets ML9213 Datasheet HTML 14Page - OKI electronic componets ML9213 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
11/19
Segment Data Input [Function Mode: 0 to 3]
N ML9213 receives the segment data when function mode 0 to 3 are selected.
N The same segment data is transferred to the 3 segment data latches corresponding to GRID1 to 3 at the same time
when the function mode 0 is selected.
N The segment data is transferred to only one segment data latch corresponding to the specified GRID when the
function mode is 1, 2 or 3 is selected.
N Segment output (SEG1 to 56) becomes High level (lighting) when the segment data (S1 to S56) is set to “1”.
[Data Format]
Input Data
: 59 bits
Segment Data: 56 bits
Mode Data
:
3 bits
Bit
1
2
3
4
……….
53
54
55
56
57
58
59
Input Data
S1
S2
S3
S4
……….
S53
S54
S55
S56
M0
M1
M2
Segment Data (56 bits)
Mode Data
(3 bits)
[Bit correspondence between segment output and segment data]
Segment output
12345
6
7
89
10
11
12
13
14
15
16
Segment data
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
Segment output
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Segment data
S17
S18
S19
S20
S21
S22
S23
S24
S25
S26
S27
S28
S29
S30
S31
S32
Segment output
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
Segment data
S33
S34
S35
S36
S37
S38
S39
S40
S41
S42
S43
S44
S45
S46
S47
S48
Segment output
49
50
51
52
53
54
55
56
---
---
---
---
---
---
---
---
Segment data
S49
S50
S51
S52
S53
S54
S55
S56
---
---
---
---
---
---
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com