Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9261AMB Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9261AMB
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261AMB Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9261AMB Datasheet HTML 3Page - OKI electronic componets ML9261AMB Datasheet HTML 4Page - OKI electronic componets ML9261AMB Datasheet HTML 5Page - OKI electronic componets ML9261AMB Datasheet HTML 6Page - OKI electronic componets ML9261AMB Datasheet HTML 7Page - OKI electronic componets ML9261AMB Datasheet HTML 8Page - OKI electronic componets ML9261AMB Datasheet HTML 9Page - OKI electronic componets ML9261AMB Datasheet HTML 10Page - OKI electronic componets ML9261AMB Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
7/16
ELECTRICAL CHARACTERISTICS
DC Characteristics-1
(VDD = 4.5 to 5.5 V, VDISP = 20 to 60 V, Ta = –40 to +85°C)
Parameter
Symbol
Applicable pin
Condition
Min.
Typ.
Max.
Unit
“H” Input Voltage
VIH
All inputs
—
0.7 VDD
—
—
V
“L” Input Voltage
VIL
All inputs
—
—
—
0.3 VDD
V
lIH1
DIN, CLK, LS
VDD = VIN = 5.5 V
–1.0
—
+1.0
µA
“H” Input Current
IIH2
CL, CHG
VDD = VIN = 5.5 V
5.0
—
80
µA
“L” Input Current
IIL
All inputs
VDD = 5.5 V, VIN = 0 V
–1.0
—
+1.0
µA
Input Capacitance
CIN
All inputs
Ta = 25°C
—
15
—
pF
VOH1
DOUT
IOH = –0.1 mA
VDD–1
—
—
V
“H” Output Voltage
VOH2
HVO1 to 60
VDISP = 40 V
IOH = –40 mA
VDISP–4
—
—
V
VOL1
DOUT
IOL = 0.1 mA
—
—
1.1
V
“L” Output Voltage
VOL2
HVO1 to 60
VDISP = 40 V
IOL = 1 mA
—
—
3.0
V
IDD1
VDD
All inputs: “L”
—
—
10.0
µA
IDD2
VDD
All inputs: “H”
—
—
10.0
µA
IDISP1
VDISP
All inputs: “L”
—
—
70.0
µA
Supply Current
IDISP2
VDISP
No load
All inputs: “H”
—
—
70.0
µA
DC Characteristics-2
(VDD = 3.0 to 3.6 V, VDISP = 20 to 60 V, Ta = –40 to +85°C)
Parameter
Symbol
Applicable pin
Condition
Min.
Typ.
Max.
Unit
“H” Input Voltage
VIH
All inputs
—
0.8 VDD
—
—
V
“L” Input Voltage
VIL
All inputs
—
—
—
0.2 VDD
V
lIH1
DIN, CLK, LS
VDD = VIN = 3.3 V
–1.0
—
+1.0
µA
“H” Input Current
IIH2
CL, CHG
VDD = VIN = 3.3 V
2.0
—
50
µA
“L” Input Current
IIL
All inputs
VDD = 3.3 V, VIN = 0 V
–1.0
—
+1.0
µA
Input Capacitance
CIN
All inputs
Ta = 25°C
—
15
—
pF
VOH1
DOUT
IOH = –0.1 mA
VDD–1
—
—
V
“H” Output Voltage
VOH2
HVO1 to 60
VDISP = 40 V
IOH = –40 mA
VDISP–4
—
—
V
VOL1
DOUT
IOL = 0.1 mA
—
—
1.1
V
“L” Output Voltage
VOL2
HVO1 to 60
VDISP = 40 V
IOL = 1 mA
—
—
3.0
V
IDD1
VDD
All inputs: “L”
—
—
10.0
µA
IDD2
VDD
All inputs: “H”
—
—
10.0
µA
IDISP1
VDISP
All inputs: “L”
—
—
70.0
µA
Supply Current
IDISP2
VDISP
No load
All inputs: “H”
—
—
70.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com