Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

587B062 Datasheet(PDF) 3 Page - Protek Devices

Part # 587B062
Description  240V AC POWER LINE SURGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B062 Datasheet(HTML) 3 Page - Protek Devices

  587B062 Datasheet HTML 1Page - Protek Devices 587B062 Datasheet HTML 2Page - Protek Devices 587B062 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.protekdevices.com
05047.R4 12/03
587B062
thru
587B302
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein
without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement
concerning selection and specifications is the buyer’s and that in furnishing engineering and technical assistance,
ProTek assumes no responsibility with respect to the selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
NEUTRAL
240V
50/60 Hz
6 AMP
GROUND
LINE IN
LINE OUT
Model 587B062
A
B
C
D
0.169” Nom. Dia.
2 Places
INCLUDES HARDWARE
2 NUTS, 2 WASHERS
PER TERMINAL
E
F
PROTEK
PART
NUMBER
CASE (INCHES)
CASE (CENTIMETERS)
APPROX.
WEIGHT
IN GRAMS
TERMINAL
THREADS
587B62
587B162
587B302
A
3
3
3
B
3
3
3
C
3.5
3.5
3.5
D
3.85
3.85
3.85
E
1.5
1.5
1.5
F
0.6
0.6
0.6
A
7.62
7.62
7.62
B
7.62
7.62
7.62
C
8.89
8.89
8.89
D
10.16
10.16
10.16
E
3.81
3.81
3.81
F
1.52
1.52
1.52
750
750
750
M5
M5
M5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com