Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1260-R Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 2SB1260-R
Description  Plastic-encapsulate PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

2SB1260-R Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  2SB1260-R Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SB1260-R Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
.
Features
Hight breakdown voltage and high current.
Low collector-emitter saturation voltage VCE(sat)
Good hFE linearty.
Complementary to 2SD1898
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-80
Collector - Emitter Voltage
VCEO
-80
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1
Collector current -Pulse
ICP
-2
Collector Power Dissipation
0.5
2
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
PC
W
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-80
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-80
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -60V , IE=0
-1
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-1
Collector-emitter saturation voltage
VCE(sat) IC=-500 mA, IB=-50mA
-0.4
Base - emitter saturation voltage
VBE(sat) IC=-500 mA, IB=-50mA
-1.2
DC current gain
hFE
VCE= -3V, IC= -100 mA
120
390
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
20
pF
Transition frequency
fT
VCE= -10V, IE= 50mA,f=100MHz
100
MHz
V
V
uA
Classification of hfe
Type
2SB1260-Q
2SB1260-R
Range
120-270
180-390
Marking
BE Q*
BE R*
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
2SB1
260
Plastic-encapsulate PNP Transistors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170701-P1


Similar Part No. - 2SB1260-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1260-R MCC-2SB1260-R Datasheet
191Kb / 2P
PNP Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SB1260-R KEXIN-2SB1260-R Datasheet
1,013Kb / 2P
PNP Transistors
logo
Micro Commercial Compon...
2SB1260-R MCC-2SB1260-R Datasheet
206Kb / 2P
PNP Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SB1260-R-AB3-B UTC-2SB1260-R-AB3-B Datasheet
57Kb / 4P
POWER TRANSISTOR
2SB1260-R-AB3-K UTC-2SB1260-R-AB3-K Datasheet
57Kb / 4P
POWER TRANSISTOR
More results

Similar Description - 2SB1260-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com