Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 54 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 50Page - Texas Instruments LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
Table 7-59. INT_TOP_1 Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
6
LDO_INT
R
0
Interrupt indicating that the LDO1 and LDO0 have a pending interrupt. The reason for
the interrupt is indicated in the INT_LDO register.
This bit is cleared automatically when the INT_LDO register is cleared to 0x00.
5
BUCK_INT
R
0
Interrupt indicating that the Buck1 and Buck0 have a pending interrupt. The reason
for the interrupt is indicated in the INT_BUCK register.
This bit is cleared automatically when INT_BUCK register is cleared to 0x00.
4
SYNC_CLK_INT
R/W
0
Latched status bit indicating that the external clock has appeared or disappeared.
Write 1 to clear interrupt.
3
TDIE_SD_INT
R/W
0
Latched status bit indicating that the die junction temperature has exceeded the
thermal shutdown level. The regulators have been disabled if they were enabled
and the GPO and GPO2 signals are driven low. The regulators cannot be enabled
if this bit is active. The actual status of the thermal shutdown is indicated by the
TDIE_SD_STAT bit in the TOP_STAT register.
Write 1 to clear interrupt.
2
TDIE_WARN_INT
R/W
0
Latched status bit indicating that the die junction temperature has exceeded the
thermal warning level. The actual status of the thermal warning is indicated by the
TDIE_WARN_STAT bit in the TOP_STAT register.
Write 1 to clear interrupt.
1
OVP_INT
R/W
0
Latched status bit indicating that the input voltage has exceeded the over-voltage
detection level. The regulators have been disabled if they were enabled and the GPO
and GPO2 signals are driven low. The actual status of the over-voltage is indicated by
the OVP_STAT bit in the TOP_STAT register.
Write 1 to clear interrupt.
0
I_MEAS_INT
R/W
0
Latched status bit indicating that the load current measurement result is available in
the I_LOAD_1 and I_LOAD_2 registers.
Write 1 to clear interrupt.
7.6.1.27 INT_TOP_2
INT_TOP_2 is shown in Table 7-61, Address: 0x1A
Table 7-60. INT_TOP_2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
RESET_REG_I
NT
Table 7-61. INT_TOP_2 Register Field Descriptions
Bits
Field
Type
Default
Description
7:1
Reserved - do not
use
R/W
000 0000
0
RESET_REG_INT
R/W
0
Latched status bit indicating that either VANA supply voltage has been below the
undervoltage threshold level or the host has requested a reset using the SW_RESET
bit in RESET register. The regulators have been disabled, the registers are reset to
the default values, and the normal startup procedure is done.
Write 1 to clear interrupt.
7.6.1.28 INT_BUCK
INT_BUCK is shown in Table 7-63, Address: 0x1B
Table 7-62. INT_BUCK Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do
not use
BUCK1_PG
_INT
BUCK1_SC
_INT
BUCK1_ILIM
_INT
Reserved - do
not use
BUCK0_PG
_INT
BUCK0_SC
_INT
BUCK0_ILIM
_INT
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
54
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com