Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733-Q1 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733-Q1
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733-Q1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button LP8733-Q1 Datasheet HTML 66Page - Texas Instruments LP8733-Q1 Datasheet HTML 67Page - Texas Instruments LP8733-Q1 Datasheet HTML 68Page - Texas Instruments LP8733-Q1 Datasheet HTML 69Page - Texas Instruments LP8733-Q1 Datasheet HTML 70Page - Texas Instruments LP8733-Q1 Datasheet HTML 71Page - Texas Instruments LP8733-Q1 Datasheet HTML 72Page - Texas Instruments LP8733-Q1 Datasheet HTML 73Page - Texas Instruments LP8733-Q1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Slew-rate = 10 mV/µs
RLOAD = 1 Ω
VOUT = 1 V
Figure 8-22. Buck Shutdown With EN1, Forced
PWM Mode (Single-Phase Output)
Slew-rate = 10 mV/µs
RLOAD = 0.5 Ω
VOUT = 1 V
Figure 8-23. Buck Shutdown With EN1, Forced
PWM Mode (Dual-Phase Output)
IOUT = 10 mA
Figure 8-24. Buck Output Voltage Ripple, PFM
Mode (Single-Phase Output)
IOUT = 10 mA
Figure 8-25. Buck Output Voltage Ripple, PFM
Mode (Dual-Phase Output)
IOUT = 200 mA
Figure 8-26. Buck Output Voltage Ripple, Forced
PWM Mode (Single-Phase Output)
IOUT = 200 mA
Figure 8-27. Buck Output Voltage Ripple, Forced
PWM Mode (Dual-Phase Output)
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com