Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DALC112S1 Datasheet(PDF) 2 Page - Protek Devices

Part # DALC112S1
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DALC112S1 Datasheet(HTML) 2 Page - Protek Devices

  DALC112S1 Datasheet HTML 1Page - Protek Devices DALC112S1 Datasheet HTML 2Page - Protek Devices DALC112S1 Datasheet HTML 3Page - Protek Devices DALC112S1 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05177.R2 3/05
DALC112S1
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Continuous Power Dissipation
PPC
145
mW
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARKING
REPETITIVE
PEAK
REVERSE
VOLTAGE
V
RRM
VOLTS
TYPICAL
FORWARD
VOLTAGE
@50mA
V
F
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
V
RRM@18V
I
R
nA
TYPICAL
CAPACITANCE
@0V, 1 MHz
Cj
pF
DALC112S1
PSC
20
1.3
20
5
MAXIMUM
QUIESCENT
SUPPLY
CURRENT
@20V
I
RQ
nA
200
MAXIMUM
PEAK PULSE
FORWARD
CURRENT
8/20µs
I
FM
AMPS
12
0.001
0.01
0.1
1
10
100
Square Wave Pulse - ms
0
2
6
8
FIGURE 1
NON-REPETITIVE PEAK PULSE CURRENT CAPABILITY
4
FIGURE 2
PULSE WAVE FORM
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com