Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC0404FC Datasheet(PDF) 6 Page - Protek Devices

Part # LC0404FC
Description  LOW CAPACITANCE FLIP CHIP ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0404FC Datasheet(HTML) 6 Page - Protek Devices

  LC0404FC Datasheet HTML 1Page - Protek Devices LC0404FC Datasheet HTML 2Page - Protek Devices LC0404FC Datasheet HTML 3Page - Protek Devices LC0404FC Datasheet HTML 4Page - Protek Devices LC0404FC Datasheet HTML 5Page - Protek Devices LC0404FC Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.protekdevices.com
05157.R6 4/05
LC0404FC3.3C
thru
LC0404FC36C
PACKAGE OUTLINE & DIMENSIONS
A
F
G
H
I
0.51
0.15 SQ
0.71
0.99
0.51
0.020
0.006 SQ
0.028
0.039
0.020
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
3.
Preferred: Using 0.1mm (0.004”) stencil.
MOUNTING PAD LAYOUT - Option 2
SOLDER PRINT
0.014” - [0.36] DIA.
A
I
SOLDER MASK
DIE
SOLDER
BUMP
COPPER
CONTACTS
0.009” [0.23] DIA.
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and
reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000
pieces per reel. Ordering Suffix: -T75-1
(i.e., LC0404FC05C-T75-1).
3.
8mm Paper Tape: 7 Inch Reels - 10,000
pieces per reel. Ordering Suffix: -T710-2
(i.e., LC0404FC05C-T710-2).
4. Suffix - LF = Lead-Free,
i.e.,
LC0404FC05C-LF-T710-2.
Outline & Dimensions: Rev4 - 9/04, 06022
TAPE & REEL ORIENTATION
NOTE:
1. Top view of tape. Solder bumps are face
down in tape package.
Dual Die - 0404
Laser
Orientation
Line
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com