Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP05 Datasheet(PDF) 2 Page - Protek Devices

Part # CP05
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CP05 Datasheet(HTML) 2 Page - Protek Devices

  CP05 Datasheet HTML 1Page - Protek Devices CP05 Datasheet HTML 2Page - Protek Devices CP05 Datasheet HTML 3Page - Protek Devices CP05 Datasheet HTML 4Page - Protek Devices CP05 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05133.R7 4/05
CP05
thru
CP24C
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
200
Watts
Note 1: Part numbers with an additional “C” suffix are bidirectional devices, i.e., CP05C.
Note 2:
Unidirectional Only: Test between pin 1, 3, 4 and 6 to pin 2 or 5.
Note 3:
Bidirectional Only: Test between pin 5 to 1 or 3 or 4 or 6. Electrical characteristics apply in both directions.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Notes 1-3)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
j
pF
CP05
CP05C
CP12
CP12C
CP15
CP15C
CP24
CP24C
QRH
QRL
QRI
QRM
QRJ
QRN
QRK
QRO
6.0
6.0
13.3
13.3
16.7
16.7
26.7
26.7
9.8
9.8
19
19
24
24
43
43
11.8V @ 17.0A
11.8V @ 17.0A
28.3V @ 7.0A
28.3V @ 7.0A
45.0V @ 5.0A
45.0V @ 5.0A
65.0V @ 3.0A
65.0V @ 3.0A
70
70
50
50
30
30
25
25
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
20
20
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
5.0
12.0
12.0
15.0
15.0
24.0
24.0
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.1
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
200W 8/20µs Waveform
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com