| Electronic Components Datasheet Search |
|
REF3450 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3450 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 31 page ![]() 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT Input voltage IN –0.3 13 V EN –0.3 IN + 0.3 V Output voltage VOUT –0.3 5.5 V Output short circuit current ISC 20 mA Operating temperature range TA –55 150 °C Storage temperature range Tstg –65 170 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. These are stress ratings only and functional operation of the device at these or any other conditions beyond those specified in the Electrical Characteristics Table is not implied. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/ JEDEC JS-001(1) ±2500 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1500 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT IN Input Voltage VOUT + VDO (1) 12 V EN Enable Voltage 0 IN V IL Output Current –10 10 mA TA Operating Temperature –40 25 125 °C (1) VDO = Dropout voltage 7.4 Thermal Information THERMAL METRIC(1) REF34T REF34 UNIT DBV DBV 6 PINS 6 PINS RθJA Junction-to-ambient thermal resistance 122.6 122.6 °C/W RθJC(top) Junction-to-case (top) thermal resistance 80.2 80.2 °C/W RθJB Junction-to-board thermal resistance 42 42 °C/W ΨJT Junction-to-top characterization parameter 23.2 23.2 °C/W ΨJB Junction-to-board characterization parameter 41.9 41.9 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance N/A N/A °C/W REF3425, REF3430, REF3433, REF3440, REF3450 SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021 www.ti.com 6 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |