Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSCSM170AM058CT6LIAG Datasheet(PDF) 5 Page - Microchip Technology

Part # MSCSM170AM058CT6LIAG
Description  Very Low Stray Inductance Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM058CT6LIAG Datasheet(HTML) 5 Page - Microchip Technology

  MSCSM170AM058CT6LIAG Datasheet HTML 1Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 2Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 3Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 4Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 5Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 6Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 7Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 8Page - Microchip Technology MSCSM170AM058CT6LIAG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
1.2
SiC Diode Ratings and Characteristics (Per SiC Diode)
The following table lists the SiC diode ratings and characteristics of the MSCSM170AM058CT6LIAG device.
Table 1-5. SiC Diode Ratings and Characteristics (Per SiC Diode)
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Peak repetitive reverse voltage
—
—
1700
V
IRRM
Reverse leakage current
VR = 1700 V
TJ = 25 °C
—
60
1200
µA
TJ = 175 °C
—
900
—
IF
DC forward current
—
TC = 125 °C
—
180
—
A
VF
Diode forward voltage
IF = 180 A
TJ = 25 °C
—
1.5
1.8
V
TJ = 175 °C
—
2.3
—
QC
Total capacitive charge
VR = 900 V
—
1380
—
nC
C
Total capacitance
f = 1 MHz, VR = 600 V
—
1002
—
pF
f = 1 MHz, VR = 900 V
—
828
—
RthJC
Junction-to-case thermal resistance
—
—
0.1
°C/W
1.3
Thermal and Package Characteristics
The following table lists the thermal and package characteristics of the MSCSM170AM058CT6LIAG device.
Table 1-6. Thermal and Package Characteristics
Symbol
Characteristic
Min
Max
Unit
VISOL
RMS isolation voltage, any terminal to case t = 1 min, 50 Hz/60 Hz 4000
—
V
TJ
Operating junction temperature range
–40
175
°C
TJOP
Recommended junction temperature under switching conditions
–40
TJmax–25
TSTG
Storage case temperature
–40
125
TC
Operating case temperature
–40
125
Torque
Mounting torque
For
terminals
M2.5
0.4
0.6
N.m
M4
2
3
M5
2
3.5
To heatsink
M6
3
5
LDC
Module stray inductance between VBus and 0/VBus
—
3
nH
Wt
Package weight
—
320
g
MSCSM170AM058CT6LIAG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003946A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com