Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8076331 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8076331
Description  Compact air cylinders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8076331 Datasheet(HTML) 1 Page - Festo Corporation.

  8076331 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinders
ADN-S-20-35-I-P
Part number: 8076331
Data sheet
Feature
Value
Stroke
35 mm
Piston diameter
20 mm
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Piston rod end
Internal thread
Structural design
Piston
Piston rod
Symbol
00991227
Variants
Piston rod at one end
Operating pressure
0.06 MPa ... 1 MPa
Operating pressure
0.6 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
0 °C ... 60 °C
Impact energy in the end positions
0.14 J
Theoretical force at 6 bar, retracting
141 N
Theoretical force at 6 bar, advancing
188 N
Moving mass at 0 mm stroke
11 g
Additional weight per 10 mm stroke
26 g
Basic weight with 0 mm stroke
51 g
Additional moving mass per 10 mm stroke
6 g
Type of mounting
Optionally:
With through-hole
With internal thread
With accessories
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Wrought aluminum alloy, anodized
Material of dynamic seals
NBR
Housing material
Wrought aluminum alloy, anodized
Piston rod material
High-alloy stainless steel
12/2/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 8076331

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076330 FESTO-8076330 Datasheet
92Kb / 1P
Compact air cylinder
12/2/21
8076332 FESTO-8076332 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076333 FESTO-8076333 Datasheet
90Kb / 1P
Compact air cylinders
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076335 FESTO-8076335 Datasheet
90Kb / 1P
Compact air cylinders
12/2/21
More results

Similar Description - 8076331

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076393 FESTO-8076393 Datasheet
90Kb / 1P
Compact air cylinders
11/30/21
8076397 FESTO-8076397 Datasheet
90Kb / 1P
Compact air cylinders
11/30/21
8076405 FESTO-8076405 Datasheet
90Kb / 1P
Compact air cylinders
11/30/21
8076413 FESTO-8076413 Datasheet
89Kb / 1P
Compact air cylinders
11/30/21
8076417 FESTO-8076417 Datasheet
89Kb / 1P
Compact air cylinders
11/30/21
8076323 FESTO-8076323 Datasheet
90Kb / 1P
Compact air cylinders
12/2/21
8076325 FESTO-8076325 Datasheet
90Kb / 1P
Compact air cylinders
12/2/21
8076329 FESTO-8076329 Datasheet
90Kb / 1P
Compact air cylinders
12/2/21
8076339 FESTO-8076339 Datasheet
90Kb / 1P
Compact air cylinders
12/2/21
8076351 FESTO-8076351 Datasheet
89Kb / 1P
Compact air cylinders
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com