Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9041UIDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9041UIDBVR
Description  TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9041UIDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV9041UIDBVR Datasheet HTML 7Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 8Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 9Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 10Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 11Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 12Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 13Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 14Page - Texas Instruments TLV9041UIDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
7.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 1.2 V to 5.5 V (±0.6 V to ±2.75 V) at TA = 25°C, RL = 100 kΩ connected to VS / 2, VCM = VS / 2, and
VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EMIRR
Electro-magnetic
interference rejection
ratio
f = 1 GHz, VIN_EMIRR = 100 mV
70
dB
OUTPUT
Voltage output swing
from rail
Positive rail headroom
VS = 1.2 V,
RL = 100 kΩ to VS /
2
0.75
7
mV
VS = 5.5 V,
RL = 10 kΩ to VS /
2
10
21
VS = 5.5 V,
RL = 100 kΩ to VS /
2
1
8
Negative rail headroom
VS = 1.2 V,
RL = 100 kΩ to VS /
2
0.75
5
VS = 5.5 V,
RL = 10 kΩ to VS /
2
10
21
VS = 5.5 V,
RL = 100 kΩ to VS /
2
1
8
ISC
Short-circuit current (4) VS = 5.5 V
±40
mA
ZO
Open-loop output
impedance
f = 10 kHz
7500
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = 5.5 V, IO = 0 A
10
13
µA
TA = –40°C to
125°C
13.5
IQ
Quiescent current per
amplifier
VS = 5.5 V, IO = 0 A, For TLV9041UIDBVR Only
10
13.5
µA
TA = –40°C to
125°C
14
µA
SHUTDOWN
IQSD
Quiescent current per
amplifier
All amplifiers disabled, SHDN = V–
75
200
nA
ZSHDN
Output impedance
during shutdown
Amplifier disabled
43 || 11.5
GΩ || pF
VIH
Logic high threshold
voltage (amplifier
enabled)
(V–) + 1 V
V
VIL
Logic low threshold
voltage (amplifier
disabled)
(V–) + 0.2
V
V
tON
Amplifier enable time
(full shutdown) (5) (6)
G = +1, VCM = VS / 2, VO = 0.9 × VS / 2, RL connected to V–
160
µs
Amplifier enable time
(partial shutdown) (5) (6)
G = +1, VCM = VS / 2, VO = 0.9 × VS / 2, RL connected to V–
120
tOFF
Amplifier disable time
(5)
G = +1, VCM = VS / 2, VO = 0.1 × VS / 2, RL connected to V–
10
µs
SHDN pin input bias
current (per pin)
(V+) ≥ SHDN ≥ (V–) + 1 V
100
pA
(V–) ≤ SHDN ≤ (V–) + 0.2 V
50
(1)
Max IB and IOS limits are specified based on characterization results. Input differential voltages greater than 2.5V can cause increased
IB
(2)
Typical input current noise data is specified based on design simulation results
(3)
Third-order filter; bandwidth = 80 kHz at –3 dB.
(4)
Short circuit current is average of sourcing and sinking short circuit currents
(5)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
www.ti.com
TLV9041, TLV9042, TLV9044
SBOS836E – MARCH 2020 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com