Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5071 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5071
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices ADP5071 Datasheet HTML 11Page - Analog Devices ADP5071 Datasheet HTML 12Page - Analog Devices ADP5071 Datasheet HTML 13Page - Analog Devices ADP5071 Datasheet HTML 14Page - Analog Devices ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices ADP5071 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADP5076
Rev. A | Page 13 of 23
THEORY OF OPERATION
ERROR
AMP
+
–
BOOST PWM
CONTROL
SW1
VPOS
FB1
COMP1
VIN
CIN
CURRENT
SENSE
SYNC
PGND
SW2
FB2
INVERTER
PWM CONTROL
PVIN
+
–
ERROR
AMP
EN1
EN2
AVIN
COMP2
SEQ
SLEW
SS
AGND
CURRENT SENSE
START-UP
TIMERS
PLL
REFERENCES
4µA
REF1
REF2
REF1
REF2
SEQUENCE
CONTROL
OSCILLATOR
SLEW
SLEW
1.5MΩ
BOOST_ENABLE
INVERTER_ENABLE
L1
D1
COUT1
RFT1
RFB1
RFT2
RFB2
L2
D2
COUT2
VNEG
RC1
CC1
RC2
CC2
RSS (OPTIONAL)
THERMAL
SHUTDOWN
UVLO
VREF
OVP
FB1
FB2
REFERENCE
GENERATOR
REF_1V6
REF_1V6
CVREF
SLEW
TRI-STATE
BUFFER
1.5MΩ
Figure 39. Typical Application Circuit
PULSE WIDTH MODULATION (PWM) MODE
In PWM mode, the boost and inverting regulators in the
ADP5076 operate at a fixed frequency set by an internal
oscillator. At the start of each oscillator cycle, the MOSFET
switch turns on, applying a positive voltage across the inductor.
The inductor current increases until the current sense signal
crosses the peak inductor current threshold that turns off the
MOSFET switch. This threshold is set by the error amplifier
output. During the MOSFET off time, the inductor current
declines through the external diode until the next oscillator
clock pulse starts a new cycle. The ADP5076 regulates the output
voltage by adjusting the peak inductor current threshold.
PULSE SKIP MODULATION MODE
In pulse skip modulation operation during light load, the
regulators can skip pulses to maintain output voltage regulation.
Skipping pulses increases the device efficiency.
UVLO
The undervoltage lockout circuitry monitors the AVIN pin
voltage level. If the input voltage drops below the VUVLO_FALLING
threshold, both regulators turn off. After the AVIN pin voltage
rises above the VUVLO_RISING threshold, the soft start period initiates,
and the regulators are enabled.
OSCILLATOR AND SYNCHRONIZATION
The ADP5076 initiates the drive of the boost regulator SW1 pin
and the inverting regulator SW2 pin 180° out of phase to reduce
peak current consumption and noise.
A phase-locked loop (PLL)-based oscillator generates the
internal clock and offers a choice of two internally generated
frequency options or external clock synchronization. The
switching frequency is configured using the SYNC pin options
shown in Table 6.
For external synchronization, connect the SYNC pin to a
suitable clock source. The PLL locks to an input clock within
the range specified by fSYNC.
Table 6. SYNC Pin Options
SYNC Pin
Switching Frequency
High
2.4 MHz
Low
1.2 MHz
External Clock
1 × clock frequency
INTERNAL REGULATOR
The VREF regulator provides a reference voltage for the inverting
regulator feedback network to ensure a positive feedback voltage on
the FB2 pin.
A current-limit circuit is included for the VREF regulator to protect
the circuit from accidental loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com