Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR324P Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR324P
Description  Internally Frequency Compensated, Large Voltage Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR324P Datasheet(HTML) 6 Page - Leshan Radio Company

Back Button LR324P Datasheet HTML 2Page - Leshan Radio Company LR324P Datasheet HTML 3Page - Leshan Radio Company LR324P Datasheet HTML 4Page - Leshan Radio Company LR324P Datasheet HTML 5Page - Leshan Radio Company LR324P Datasheet HTML 6Page - Leshan Radio Company LR324P Datasheet HTML 7Page - Leshan Radio Company LR324P Datasheet HTML 8Page - Leshan Radio Company LR324P Datasheet HTML 9Page - Leshan Radio Company LR324P Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Performance Characteristics (Continued)
Figure 11. Large Signal Frequency Response
Figure 12. Output Characteristics Current Sourcing
Figure 14. Current Limiting
1K
10K
100K
1000K
0
5
10
15
20
Figure 10. Voltage Follower Pulse Response
(Small Signal)
-40
-20
0
204060
80
0
10
20
30
40
50
60
70
80
90
100
Temperature (oC)
R
2K
R 100K
R 1K
V
IN
+7V
DC
V
O
+15
V
DC
I
O
50pF
V
IN
V
OUT
400
010
20
30
40
50
300
250
350
450
500
550
600
1E-3
0.01
0.1
1
10
100
1
2
3
4
5
6
7
8
INDEPENDENT OF V
CC
, T
A
= 25
oC
Output Source Current (mA)
Vo
V
CC
I
O
V
CC/2
TA = 25
oC
VCC = 15V
Time (uS)
Frequency (Hz)
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
10
V
CC
=+5V
V
CC
=+15V
Figure 13. Output Characteristics Current Sinking
Output Sink Current (mA)
V
CC/2
Vo
V
CC
I
O
LESHAN RADIO COMPANY, LTD.
LR324–6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com