Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5132 Datasheet(PDF) 5 Page - ams AG

Part # AS5132
Description  360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 5 Page - ams AG

  AS5132 Datasheet HTML 1Page - ams AG AS5132 Datasheet HTML 2Page - ams AG AS5132 Datasheet HTML 3Page - ams AG AS5132 Datasheet HTML 4Page - ams AG AS5132 Datasheet HTML 5Page - ams AG AS5132 Datasheet HTML 6Page - ams AG AS5132 Datasheet HTML 7Page - ams AG AS5132 Datasheet HTML 8Page - ams AG AS5132 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ams Datasheet
Page 5
[v2-06] 2016-Jan-26
Document Feedback
AS5132 − Pin Assignment
Note(s):
1. VDDP can be customized to the voltage levels of the peripheral circuitry to economize voltage level drivers.
2. Typ. CSN Pull_up resistor of 10kOhm necessary. Floating state of a digital input is not allowed.
11
Test0
Analog input /output
Test pin, selection of output format for
incremental or step mode
12
Test1
13
Test2
14
Test3
15
DIO
Bi-directional digital
Data I/O for serial interface (VDDP)
16
CSN
Digital input /
Schmitt-Trigger
Chip select input (active low) (VDDP)
(connected to a pull-up resistor if not used in
application)
17
CLK
Clock input for serial interface (VDDP)
18
DIR
Input signal for the pre-commutation at start-up
(VDDP)
19
Diag
Digital output /
Open Drain
Diagnostic output (open drain)
20
PWM
Digital output
PWM output (8mA, VDDP)
Pin
Number
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com