Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2591 Datasheet(PDF) 13 Page - ams AG

Part # TSL2591
Description  Light-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 13 Page - ams AG

Back Button TSL2591 Datasheet HTML 9Page - ams AG TSL2591 Datasheet HTML 10Page - ams AG TSL2591 Datasheet HTML 11Page - ams AG TSL2591 Datasheet HTML 12Page - ams AG TSL2591 Datasheet HTML 13Page - ams AG TSL2591 Datasheet HTML 14Page - ams AG TSL2591 Datasheet HTML 15Page - ams AG TSL2591 Datasheet HTML 16Page - ams AG TSL2591 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ams Datasheet
Page 13
[v2-04] 2018-Jun-05
Document Feedback
TSL2591 − Register Description
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide for a
variety of control functions and can be read to determine results
of the ADC conversions. The register set is summarized in
Figure 15.
Figure 15:
Register Description
Note(s):
1. Devices with a primary I2C address of 0x29 also have a secondary I2C address of 0x28 that can be used for read only registers to
quickly read in a single block I2C transaction.
Address
Register Name
R/W
Register Function
Reset
Value
--
COMMAND
W
Specifies Register Address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
CONFIG
R/W
ALS gain and integration time configuration
0x00
0x04
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x05
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x08
NPAILTL
R/W
No Persist ALS interrupt low threshold low byte
0x00
0x09
NPAILTH
R/W
No Persist ALS interrupt low threshold high byte
0x00
0x0A
NPAIHTL
R/W
No Persist ALS interrupt high threshold low byte
0x00
0x0B
NPAIHTH
R/W
No Persist ALS interrupt high threshold high
byte
0x00
0x0C
PERSIST
R/W
Interrupt persistence filter
0x00
0x11
PID
R
Package ID
--
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
C0DATAL
R
CH0 ADC low data byte
0x00
0x15
C0DATAH
R
CH0 ADC high data byte
0x00
0x16
C1DATAL
R
CH1 ADC low data byte
0x00
0x17
C1DATAH
R
CH1 ADC high data byte
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com