Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 141 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 141 Page - ams AG

Back Button AS3722 Datasheet HTML 137Page - ams AG AS3722 Datasheet HTML 138Page - ams AG AS3722 Datasheet HTML 139Page - ams AG AS3722 Datasheet HTML 140Page - ams AG AS3722 Datasheet HTML 141Page - ams AG AS3722 Datasheet HTML 142Page - ams AG AS3722 Datasheet HTML 143Page - ams AG AS3722 Datasheet HTML 144Page - ams AG AS3722 Datasheet HTML 145Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 198 page
background image
ams Datasheet
Page 141
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 149:
pwm_control_h
Figure 150:
Watchdog_timer
Figure 151:
WatchdogSoftwareSignal
Addr:42h
pwm_control_h
Bit
Bit Name
Default
Access
Bit Description
7:0
pwm_h_time
0
RW
This bit defines the high time of the pwm generator
in 1MHz units
0 : pwm_div * 1us
1 : pwm_div * 2us
2 : pwm_div * 3us
.. : ..
254 : pwm_div * 255us
255 : pwm_div * 256us
Addr:46h
Watchdog_timer
Bit
Bit Name
Default
Access
Bit Description
6:0
wtdg_timer
0
RW
Watchdog timer Write watchdog timer, Read actual
countdown starting from (LSB=1s, range: 1 - 128s)
writing of wtdg_sw_sig or risigng edge of GPIO (if
GPIOx_iosf=9) resets the watchdog to wtdg_timer
0 : 1 second
1 : 2 seconds
2 : 3 seconds
3 : 4 seconds
.. : ..
126 : 127 seconds
127 : 128 seconds
Addr:48h
WatchdogSoftwareSignal
Bit
Bit Name
Default
Access
Bit Description
7:6
pwm_div
0
RW
This bit defines the divider ratio of the prescaler for
the PWM generator
0 : Divide by 1
1 : Divide by 16
2 : Divide by 256
3 : Divide by 16384
0
wtdg_sw_sig
0
PUSH
Trigger input by the serial interface, if gpioX_iosf<>9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com