Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 144 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 144 Page - ams AG

Back Button AS3722 Datasheet HTML 140Page - ams AG AS3722 Datasheet HTML 141Page - ams AG AS3722 Datasheet HTML 142Page - ams AG AS3722 Datasheet HTML 143Page - ams AG AS3722 Datasheet HTML 144Page - ams AG AS3722 Datasheet HTML 145Page - ams AG AS3722 Datasheet HTML 146Page - ams AG AS3722 Datasheet HTML 147Page - ams AG AS3722 Datasheet HTML 148Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 198 page
background image
Page 144
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 156:
LDOcontrol1
Figure 157:
SD0_protect
Figure 158:
SD6_protect
Addr:4fh
LDOcontrol1
Bit
Bit Name
Default
Access
Bit Description
3
ldo11_enable
1
RW
Global ldo11 enable
2
ldo10_enable
1
RW
Global ldo10 enable
1
ldo9_enable
1
RW
Global ldo9 enable
Addr:50h
SD0_protect
Bit
Bit Name
Default
Access
Bit Description
4:0
sd0_vmax
0
RW_SM
Overvoltage protection function for SD0
Will be programmed into OTP and cannot be
changed by SW.
0 : protection disabled
other : max voltage set by OTP
Addr:51h
SD6_protect
Bit
Bit Name
Default
Access
Bit Description
4:0
sd6_vmax
0
RW_SM
Overvoltage protection function for SD6
Will be programmed into OTP and cannot be
changed by SW.
0 : protection disabled
other : max voltage set by OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com