Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 148 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 148 Page - ams AG

Back Button AS3722 Datasheet HTML 144Page - ams AG AS3722 Datasheet HTML 145Page - ams AG AS3722 Datasheet HTML 146Page - ams AG AS3722 Datasheet HTML 147Page - ams AG AS3722 Datasheet HTML 148Page - ams AG AS3722 Datasheet HTML 149Page - ams AG AS3722 Datasheet HTML 150Page - ams AG AS3722 Datasheet HTML 151Page - ams AG AS3722 Datasheet HTML 152Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 198 page
background image
Page 148
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Register Description
Figure 164:
CTRLsequ1
Addr:58h
CTRLsequ1
Bit
Bit Name
Default
Access
Bit Description
0
ac_ok_pwr_on
0
RW_SS
Enables exit out of PWR OFF mode with pin
AC_OK (pin enabled in PWR off mode)
0 : AC_OK disabled
1 : AC_OK enabled
1
lid_pwr_on
0
RW_SS
Enables exit out of PWR OFF mode with pin LID
(pin enabled in PWR off mode)
0 : LID disabled
1 : LID enabled
2therm_inv
0
RW_SS
Sets the polarity of the THERM pin
0 : High active for THERM event
1 : Inverted: Low active for THERM event
3enable2_inv
0
RW_SS
Sets the polarity of the ENABLE2 pin
0 : High active for ENALBE2
1 : Inverted: Low active for ENABLE2
4
enable1_inv
0
RW
Sets the polarity of the ENABLE1 pin
0 : High active for ENABLE1
1 : Inverted: Low active for ENABLE1
5
enable1_deepsleep
0
RW
ENABLE1 signal enable for controlling
deepsleep/stand_by
0 : ENABLE1 signal not used for stand_by
entry/exit
1 : ENABLE1 signal used for stand_by entry/exit
6
onkey_nodebounce
0
RW
Sets the debounce on ONKEY
0 : debounce on
1 : debounce off
7enable3_inv
0
RW_SS
Sets the polarity of the ENABLE3 pin
0 : High active for ENABLE3
1 : Inverted: Low active for ENABLE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com