Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 149 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 149 Page - ams AG

Back Button AS3722 Datasheet HTML 145Page - ams AG AS3722 Datasheet HTML 146Page - ams AG AS3722 Datasheet HTML 147Page - ams AG AS3722 Datasheet HTML 148Page - ams AG AS3722 Datasheet HTML 149Page - ams AG AS3722 Datasheet HTML 150Page - ams AG AS3722 Datasheet HTML 151Page - ams AG AS3722 Datasheet HTML 152Page - ams AG AS3722 Datasheet HTML 153Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 198 page
background image
ams Datasheet
Page 149
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 165:
CTRLsequ2
Addr:59h
CTRLsequ2
Bit
Bit Name
Default
Access
Bit Description
1:0
on_shutdown_delay
0
RW_SM
Sets the ONKEY shutdown delay time.
After timer expired onkey_lpress_i
interrupt status bit is set and one
additional second wait is added before
shutdown is initiated.
If interrupt status register is read out
during that second, the delay timer is reset,
and no shutdown is done.
0 : disabled
1 : 2 sec
2 : 4 sec
3 : 8 sec
2
onkey_invert
0
RW_SS
Sets the polarity of the ONKEY pin
0 : High active for ONKEY
1 : Inverted: Low active for ONKEY
5:3
on_shutdown_delay_cnt
0
R
On-reset delay counter in seconds. Starts
with 0sec when onkey is pressed.
6
ac_ok_invert
0
RW_SS
Sets the polarity of the AC_OK pin
0 : High active for AC_OK
1 : Inverted: Low active for AC_OK
7
lid_invert
0
RW_SS
Sets the polarity of the LID pin
0 : High active for LID
1 : Inverted: Low active for LID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com