Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3722 Datasheet(PDF) 153 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 153 Page - ams AG

Back Button AS3722 Datasheet HTML 149Page - ams AG AS3722 Datasheet HTML 150Page - ams AG AS3722 Datasheet HTML 151Page - ams AG AS3722 Datasheet HTML 152Page - ams AG AS3722 Datasheet HTML 153Page - ams AG AS3722 Datasheet HTML 154Page - ams AG AS3722 Datasheet HTML 155Page - ams AG AS3722 Datasheet HTML 156Page - ams AG AS3722 Datasheet HTML 157Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 198 page
background image
ams Datasheet
Page 153
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Register Description
Figure 172:
RTCcontrol
5enable2
0
RO
Status of enable2 signal (enable2 XOR
enable2_inv)
6enable3
0
RO
Status of enable3 signal (enable3 XOR
enable3_inv)
7
sd0_pwr_ok
0
RO
Status of sd0_pwrgood
Addr:60h
RTCcontrol
Bit
Bit Name
Default
Access
Bit Description
7
am_pm_mode
0
RW
12h/24h mode switch
0 : 24hour mode
1 : 12hour am/pm mode
5
clk32out_en
1
RW
0 : CLK32OUT pin disabled
1 : CLK32OUT pin enabled (push/pull to
VDD_GPIO_lv)
4:3
rtc_irq_mode
0
RW
0 : generates an interrupt every second
1 : generates an interrupt every minute
2 : generates an interrupt every 2 minutes
3 : generates an interrupt every 8 minutes
2
rtc_on
0
RW_SM
Switch on the 32kHz RTC oscillator
0 : 32kHz oscillator disabled
1 : 32kHz oscillator enabled
1
rtc_alarm_wakeup_en
0
RW
0 : Disables RTC alarm wakeup in power off
mode
1 : Enable RTC alarm wakeup in power off
mode
0
rtc_rep_wakeup_en
0
RW
0 : Disables RTC repeated wakeup in power
off mode
1 : Enable RTC repeated wakeup in power
off mode
Addr:5fh
CTRLstatus
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com