Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953B Datasheet(PDF) 51 Page - ams AG

Part # AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Datasheet(HTML) 51 Page - ams AG

Back Button AS3953B Datasheet HTML 47Page - ams AG AS3953B Datasheet HTML 48Page - ams AG AS3953B Datasheet HTML 49Page - ams AG AS3953B Datasheet HTML 50Page - ams AG AS3953B Datasheet HTML 51Page - ams AG AS3953B Datasheet HTML 52Page - ams AG AS3953B Datasheet HTML 53Page - ams AG AS3953B Datasheet HTML 54Page - ams AG AS3953B Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
ams Datasheet
Page 51
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
Figure 60:
Mask Auxiliary Interrupt Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
Address# 09h : Mask Auxiliary Interrupt
Type: RW
Bit
Name
Default
Function
Comments
7M_des
0
Mask IRQ due to reception of
DESELECT command
6
M_er_fr
0
Mask Framing error IRQ
5
M_er_par
0
Mask Parity error IRQ
4
M_er_crc
0
Mask CRC error IRQ
3
M_er_fifo
0
Mask FIFO error IRQ
2M_eew
0
Mask IRQ due to successful
termination of EEPROM
programming
1M_er_eew
0
Mask error during EEPROM
programming IRQ
0M_ee_spi
0
Mask IRQ due to interruption
of EEPROM access due to PICC
interface activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com