Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045 Datasheet(PDF) 4 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 4 Page - ams AG

  AS5045_V01 Datasheet HTML 1Page - ams AG AS5045_V01 Datasheet HTML 2Page - ams AG AS5045_V01 Datasheet HTML 3Page - ams AG AS5045_V01 Datasheet HTML 4Page - ams AG AS5045_V01 Datasheet HTML 5Page - ams AG AS5045_V01 Datasheet HTML 6Page - ams AG AS5045_V01 Datasheet HTML 7Page - ams AG AS5045_V01 Datasheet HTML 8Page - ams AG AS5045_V01 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Page 4
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Pin Assignment
Pin 12 PWM allows a single-wire output of the 10-bit absolute
position value. The value is encoded into a pulse width
modulated signal with 1μs pulse width per step (1μs to 4096μs
over a full turn). By using an external low pass filter, the digital
PWM signal is converted into an analog voltage, making a direct
replacement of potentiometers possible.
Figure 4:
Pin Description
Pin
Number
Pin Name
Pin Type
Description
1MagINCn
Digital output open
drain
Magnet Field Magnitude INCrease; active low, indicates
a distance reduction between the magnet and the
device surface (see Figure 16).
2MagDECn
Magnet Field Magnitude DECrease; active low,
indicates a distance increase between the device and
the magnet see Figure 16).
3NC
-
Must be left unconnected
4NC
-
5NC
-
6Mode
-
Select between slow (low, VSS) and fast (high, VDD5V)
mode. Internal pull-down resistor. Must be hard-wired
on the PCB in application.
7
VSS
Supply pin
Negative Supply Voltage (GND)
8Prog_DI
Digital input
pull-down
OTP Programming Input and Data Input for Daisy Chain
mode. Internal pull-down resistor (~74k
Ω). Connect to
VSS if not used
9DO
Digital output /
tri-state
Data Output of Synchronous Serial Interface
10
CLK
Digital input,
Schmitt-Trigger input
Clock Input of Synchronous Serial Interface;
Schmitt-Trigger input
11
CSn
Digital input pull-up,
Schmitt-Trigger input
Chip Select, active low; Schmitt-Trigger input, internal
pull-up resistor (~50k
Ω)
12
PWM
Digital output
Pulse Width Modulation of approx. 244Hz; 1μs/step
(optional 122Hz; 2μs/step)
13
NC
-
Must be left unconnected
14
NC
-
15
VDD3V3
Supply pin
3V-Regulator Output, internally regulated from VDD5V.
Connect to VDD5V for 3V supply voltage. Do not load
externally.
16
VDD5V
Positive Supply Voltage, 3.0 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com