Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045 Datasheet(PDF) 13 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 13 Page - ams AG

Back Button AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
ams Datasheet
Page 13
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
The AS5045 is manufactured in a CMOS standard process and
uses a spinning current Hall technology for sensing the
magnetic field distribution across the surface of the chip. The
integrated Hall elements are placed around the center of the
device and deliver a voltage representation of the magnetic
field at the surface of the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital
Signal-Processing (DSP) algorithms, the AS5045 provides
accurate high-resolution absolute angular position
information. For this purpose a Coordinate Rotation Digital
Computer (CORDIC) calculates the angle and the magnitude of
the Hall array signals. The DSP is also used to provide digital
information at the outputs MagINCn and MagDECn that
indicate movements of the used magnet towards or away from
the device’s surface. A small low cost diametrically magnetized
(two-pole) standard magnet provides the angular position
information (see Figure 30).
The AS5045 senses the orientation of the magnetic field and
calculates a 12-bit binary code. This code can be accessed via a
Synchronous Serial Interface (SSI). In addition, an absolute
angular representation is given by a Pulse Width Modulated
signal at pin 12 (PWM). This PWM signal output also allows the
generation of a direct proportional analogue voltage, by using
an external Low-Pass-Filter. The AS5045 is tolerant to magnet
misalignment and magnetic stray fields due to differential
measurement technique and Hall sensor conditioning circuitry.
Figure 11:
Typical Arrangement of AS5045 and Magnet
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com