Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

666/3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 666/3
Description  Power toggle switches ??metal lever
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

666/3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  666/3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 666/3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 666/3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 666/3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
¯2.50
(.098DIA)
(.098)
2.50
(.196DIA)
¯5.00
(.25x.031)
6.35x0.80
11
8
5
10
7
12
9
4
6
3
C60DT4-1
Echelle 0.6
Serie 600
(.275)
(1.004)
(.393)
(.689)
(1.811)
(.433)
(.118DIAx0.5 IS)
(.472DIAx0.75 IS)
A
17.50
10.00
25.50
7.00
46.00
11.00 11.00 11.00
(.433) (.433)
Ø3.00x0.50 SI
Ø12.00x0.75 SI
1
2
I
II
III
* (2-1) (5-4) (8-7) (11-10)
** (2-3) (5-6) (8-9) (11-12)
FOUR POLE
KEYWAY
III
2-1*
II
I
2-3**
BASIC P/N
A
661
20° ON
-
OFF
664 *
28° ON
ON
ON
665
20° MOM
-
ON
666
20° ON
-
ON
667
20° MOM OFF MOM
668
20° ON
OFF MOM
669
28° ON
OFF
ON
A = Angle of throw
Blank Screw terminals (standard)
/2
Solder lug terminals
/3
Quick-connect terminals 6.35 x 0.8 (.250 x .031)
TERMINAL OPTIONS
BASIC P/N
/2
/3
BASIC P/N
LOCKING LEVERS
T
Tropicalized diallylphthalate case (-40 °C to +85 °C) (-40 °F to +185 °F)
LUXE
Chrome plated lever and cap nut U117
TK LUXE Options T and LUXE + front panel sealing by O-ring and sealing washer. See 600H series.
G
Black finish on bushing, lever and nuts. Includes tropicalization (option T).
GK
Option G + front panel sealing by O-ring and sealing washer.
Power toggle switches • metal lever
660 series
* See "Technical information" on website.
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com