Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD905P Datasheet(PDF) 1 Page - Intel Corporation

Part # SSD905P
Description  Breakthrough Performance for Demanding Storage Workloads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD905P Datasheet(HTML) 1 Page - Intel Corporation

  SSD905P Datasheet HTML 1Page - Intel Corporation SSD905P Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Intel® Optane™ SSD 905P is designed for the most demanding storage workloads
in client systems, delivering high random read/write performance coupled with
low latency and industry-leading endurance.1 Built with Intel® Optane™ technology,
a revolutionary class of non-volatile memory, the Intel® Optane™ SSD 905P is
empowering professional users, content creators, and enthusiasts to extract greater
platform performance.
Breakthrough Performance for Workstations
The Intel® Optane™ SSD 905P delivers read/write performance optimized for client
workstations. The performance and responsiveness of the SSD 905P means the
processor can spend less time waiting and more time computing, resulting in greatly
increased efficiency.
With exceptional random storage performance of up to 575K/550K IOPs (4K random
reads/writes), and low latency of less than 11µs,2 these key capabilities make the SSD
905P a highly responsive client storage solution. The SSD 905P also enables software
developers to optimize applications to take advantage of the unique attributes of
Intel® Optane™ technology: low latency, and high throughput at low queue depth.
High Endurance Ensures Storage Reliability
The ability to deliver these levels of performance with large and demanding
workstation workloads also requires high endurance to ensure storage reliability.
The Intel® Optane™ SSD 905P provides an industry-leading 10 DWPD, making it
the highest endurance client SSD in the market today.1 Professionals with the most
demanding storage workloads can now tackle even bigger projects with peace
of mind, counting on years of performance without the need for frequent drive
replacements.
New Possibilities with Higher Capacity
The Intel® Optane™ SSD 905P U.2 and AIC form factors introduce high capacities
allowing users to handle large data sets to better extract the value of Intel® Optane™
technology with workloads that place heavy demands on the storage I/O subsystem.
The slim new M.2 form factor offers increased versatility.
Intel® Optane™ SSD 905P delivers breakthrough performance to meet the most demand-
ing storage workloads in your desktop or client single-user workstations.
Intel® Optane™ SSD 905P
PCIe* (P)
Breakthrough Performance
for Demanding Storage Workloads
Product brief


Similar Part No. - SSD905P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSD9435 SECOS-SSD9435 Datasheet
832Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSD9575 SECOS-SSD9575 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSD9575 SECOS-SSD9575_15 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSD95N03 SECOS-SSD95N03 Datasheet
1Mb / 4P
96A , 30V , RDS(ON) 4m N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD905P

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FID AXIOMTEK-FID Datasheet
186Kb / 1P
Suitable for high demanding applications
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
saftbatteries
2VL34570 SAFT-2VL34570 Datasheet
495Kb / 2P
Extreme performance in demanding military environments
DHY307 SAFT-DHY307 Datasheet
71Kb / 2P
Extreme performance in demanding military environments
logo
Axiomtek Co., Ltd.
FSC_SERIES AXIOMTEK-FSC_SERIES Datasheet
88Kb / 1P
Suitable for high demanding applications
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
List of Unclassifed Man...
TN70J-E3250 ETC2-TN70J-E3250 Datasheet
1Mb / 2P
High-Performance, Green Storage
logo
Advanced Micro Devices
S400 AMD-S400 Datasheet
1Mb / 2P
Precise Synchronization for Demanding Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
High performance storage for mobile and embedded applications
logo
List of Unclassifed Man...
C6420 ETC2-C6420 Datasheet
300Kb / 3P
Purpose-built for high performance hyperscale workloads
April 6, 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com