Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMP4BKUHD Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # VMP4BKUHD
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMP4BKUHD Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button VMP4BKUHD Datasheet HTML 47Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 48Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 49Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 50Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 51Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 52Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 53Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 54Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
CONNECTORS
50 HPC Connector Series
HPC Panel Style Series
The HPC Series is a complete line
of high power loudspeaker connectors
that are completely compatible
with the Neutrik® Speakon® 4 pole
connector series. Included in the
series are round and rectangular
panel mounts, straight cord plugs,
right angle cord plugs, and in-line
cord plug, plus a barrel adapter.
The HPC panel mounts come
with two different flange depths,
either 0.100" or 0.200" depths. The
0.200" depth allows for easy rear
mounting of the connector and
maintains proper mating with the
cord plug. Also, the panel mounts
have two different Faston® terminal
sizes, 0.187" and 0.250" wide. Both
are rated at 50A, per UL 1977. The
PC mount versions have either
straight, right angle, or right angle
with a mounting post. They are
rated at 30A per UL 1977. The right
angle PC mount version with the post
allows for snap-in placement onto
the PC board during wave soldering.
The HPC cord plugs are offered
in straight, right angle, and an in-line
version. All have 0.250" Faston®
terminals, rated at 50A per UL
1977, which makes it easy to swap
out plugs. The unique feature of the
cord plugs is their “push to lock”
design. They do not require a 1/4
turn to engage the contacts – simply
push the connector in like an XLR.
This feature eliminates the need to
remember to turn the connector to
make contact with the contacts. To
disengage, simply push the latch lever
forward and pull the connector out.
The straight cord plug uses a twist
on handle, while the in-line and
right angle cord plugs use a snap-in
handle. The in-line connector mates
with both straight and right angle
cord plugs.
For those who find it more
convenient, we also offer a barrel
adapter which mates with either
straight or right angle cord plugs.
Ordering Information
Part Number
Style
Notes
HPCP41F
Panel
Rectangle, 0.100" flange depth, 0.250" faston terms
HPCP42F
Panel
Rectangle, 0.200" flange depth, 0.250" faston terms
HPCP41F1
Panel
Rectangle, 0.100" flange depth, 0.187" faston terms
HPCP42F1
Panel
Rectangle, 0.200" flange depth, 0.187" faston terms
HPCP410PC
Panel
Rectangle, 0.100" flange depth, straight PC terms
HPCP420PC
Panel
Rectangle, 0.200" flange depth, straight PC terms
HPCP410RA
Panel
Rectangle, 0.100" flange depth, right angle PC terms
HPCP420RA
Panel
Rectangle, 0.200" flange depth, right angle PC terms
HPCPR41F
Panel
Round, 0.100" flange depth, 0.250" faston terms
HPCPR42F
Panel
Round, 0.200" flange depth, 0.250" faston terms
HPCPR41F1
Panel
Round, 0.100" flange depth, 0.187" faston terms
HPCPR42F1
Panel
Round, 0.200" flange depth, 0.187" faston terms
HPCPR410PC
Panel
Round, 0.100" flange depth, straight PC terms
HPCPR420PC
Panel
Round, 0.200" flange depth, straight PC terms
HPCPR41F
HPCP41F
HPCP410RA
Speakon® is a registered trademark
of Neutrik Inc.
See Pages 61 and 62 for Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com