Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC9010B Datasheet(PDF) 21 Page - Linear Technology

Part # DC9010B
Description  Dust Networks Eterna??Serial Programmer Guide
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC9010B Datasheet(HTML) 21 Page - Linear Technology

Back Button DC9010B Datasheet HTML 17Page - Linear Technology DC9010B Datasheet HTML 18Page - Linear Technology DC9010B Datasheet HTML 19Page - Linear Technology DC9010B Datasheet HTML 20Page - Linear Technology DC9010B Datasheet HTML 21Page - Linear Technology DC9010B Datasheet HTML 22Page - Linear Technology DC9010B Datasheet HTML 23Page - Linear Technology DC9010B Datasheet HTML 24Page - Linear Technology DC9010B Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ETERNA
™ SERIAL PROGRAMMER GUIDE
21
Eterna Flash Emulator
The Eterna Serial Programmer Software uses the Eterna Flash Emulator, part of the
Eterna integrated circuit, which supports a command protocol over IPCS that allows
manipulation of the main pages on the Eterna Flash. The following describes the details
of the Eterna Flash Emulator protocol.
If a device can is locked with the Hardware Lock Key (see
040-0109 Eterna Board
Specific Parameter Configuration Guide for details), it will prevent access to all internal
memory including the flash. A locked device may be unlocked using UARTC0_RX,
UARTC1_RX and UART_RX as described in the CLI (unlock command) section below.
Notes:
•
UARTC0_RX, UARTC1_RX and UART_RX can always be used for unlocking a
device, regardless of how the pin is configured for use in the product.
•
On some operating systems, e.g. Linux, it may not be possible to load both
D2XX and VCP drivers simultaneously. See the FTDI website for driver
support.
A typical sequence in pseudo code for a simple example follows:
EnterFlashEmulator();
// assert FLASH_P_ENn,
// RESETn high 1ms, RESETn low,
// 10ms wait
BulkErase();
// SPI transaction to send Bulk Erase
command
WaitForRdy();
// SPI reads to poll STATUS until ready
ProgramFlash(
// SPI writes, in 16KB chunks max0x0,
// start of flash
fullImage,
// pointer to buffer with desired image
sizeof(fullImage) );
WaitForRdy();
ReadFlash(
// SPI reads
0x0,
buf,
sizeof(fullImage));
Verify(
// Verify image
buf,
fullImage,
sizeof(fullImage));



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com