Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32-C3 Datasheet(PDF) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-C3
Description  UltraLowPower SoC with RISCV SingleCore CPU Supporting 2.4 GHz WiFi and Bluetooth LE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-C3 Datasheet(HTML) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-C3 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
List of Tables
List of Tables
1
ESP32-C3 Family Member Comparison
8
2
Pin Description
9
3
Description of ESP32-C3 Family Power-up and Reset Timing Parameters
12
4
Strapping Pins
13
5
Parameter Descriptions of Setup and Hold Times for the Strapping Pin
14
6
Connection Between ESP32-C3 Family and External Flash
18
7
Peripheral Pin Configurations
25
8
Absolute Maximum Ratings
27
9
Recommended Operating Conditions
27
10
VDD_SPI Output Characteristics
27
11
DC Characteristics (3.3 V, 25 °C)
28
12
ADC Characteristics
28
13
Current Consumption Depending on RF Modes
29
14
Current Consumption Depending on Work Modes
29
15
Reliability Qualifications
29
16
Frequency
30
17
TX Power with Spectral Mask and EVM Meeting 802.11 Standards
30
18
TX EVM Test
30
19
RX Sensitivity
31
20
Maximum RX Level
31
21
RX Adjacent Channel Rejection
32
22
Transmitter General Characteristics
32
23
Transmitter Characteristics - Bluetooth LE 1M
32
24
Transmitter Characteristics - Bluetooth LE 2M
33
25
Transmitter Characteristics - Bluetooth LE 125K
33
26
Transmitter Characteristics - Bluetooth LE 500K
33
27
Receiver Characteristics - Bluetooth LE 1M
34
28
Receiver Characteristics - Bluetooth LE 2M
34
29
Receiver Characteristics - Bluetooth LE 125K
35
30
Receiver Characteristics - Bluetooth LE 500K
35
Espressif Systems
6
Submit Documentation Feedback
ESP32-C3 Family Datasheet V0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com