Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLQ110 Datasheet(PDF) 50 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 50 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 46Page - Emerson Network Power GLQ110 Datasheet HTML 47Page - Emerson Network Power GLQ110 Datasheet HTML 48Page - Emerson Network Power GLQ110 Datasheet HTML 49Page - Emerson Network Power GLQ110 Datasheet HTML 50Page - Emerson Network Power GLQ110 Datasheet HTML 51Page - Emerson Network Power GLQ110 Datasheet HTML 52Page - Emerson Network Power GLQ110 Datasheet HTML 53Page - Emerson Network Power GLQ110 Datasheet HTML 54Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 109 page
background image
GLS354-C, GLS355-C, GLS355-CEF Installation & Operating Instructions
GLS354-C, GLS355-C and GLS355-CEF are commercial designations of model numbers LPS354-C, LPS355-C and LPS355-CEF respectively.
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC. assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
The SolaHD and Emerson logos are registered in the U.S. Patent and Trademark Office. All other product or service names are the property of their registered owners. ©2009 EGS Electrical Group, LLC. All rights reserved. Specifications subject to change without notice.
Typical Ventilation Setup
10.00 [254.0]
14.00 [355.6]
2.50 [63.5]
9.00 [228.6]
.59 [15.0]
2.50 [63.5]
.50 [12.7]
5.00 [127.0]
POWER SUPPLY
UNIT
AIR FLOW
BASEPLATE
(0.039 in/1mm THK. SHEET ALUMINIUM)
SK1
F
A
N
Fan Used: Minebea 2410ML-04W-B60, 12 V dc, 0.40 A or Cheng Home
CHA6012EB, 12 V dc, 0.28 A
Dc Input for Fan Testing: 12 V dc
NOTE: Dimensions and fan used are for reference only
NOTE: Not applicable for -CEF models
Mechanical Dimensions
2.42 [61.4]
6.65 [168.6]
1.71 [43.5]
1.71 [43.5]
2.48 [63.0]
0.65 [16.5]
1.12
[28.5]
5.00 [127.0]
1.40 [35.5]
2.00 [50.9]
0.20 [5.0]
1.48
[37.5]
8.52 [216.4]
1.18 [30.0]
3.29 [83.5]
Bottom View
Top View
Side View
10.24 [260.0]
All dimensions are in inches [mm]
Screw Size: a = #6-32 (U.S.); b = M3 (international)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com