Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLQ110 Datasheet(PDF) 107 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 107 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 101Page - Emerson Network Power GLQ110 Datasheet HTML 102Page - Emerson Network Power GLQ110 Datasheet HTML 103Page - Emerson Network Power GLQ110 Datasheet HTML 104Page - Emerson Network Power GLQ110 Datasheet HTML 105Page - Emerson Network Power GLQ110 Datasheet HTML 106Page - Emerson Network Power GLQ110 Datasheet HTML 107Page - Emerson Network Power GLQ110 Datasheet HTML 108Page - Emerson Network Power GLQ110 Datasheet HTML 109Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
GLX40/60 Cover Enclosure Kit
While every precaution has been taken to ensure accuracy and completeness in this manual, EGS Electrical Group, LLC. assumes no responsibility, and disclaims all liability for damages resulting from use of this information or for any errors or omissions.
TheSolaHDandEmersonlogosareregisteredintheU.S.PatentandTrademarkOffice.Allotherproductorservicenamesarethepropertyoftheirregisteredowners.©2009EGSElectricalGroup,LLC.Allrightsreserved.Specificationssubjecttochangewithoutnotice.
5.90 [150.0]
.79
[20.0]
3.86
[98.0]
.71 [18.0]
2.42
[61.5]
.91
[23.0]
1.18
[30.0]
1.70
[43.0]
M3 INSERT (4X)
4.33 [110.0]
.79
[20.0]
.59 [15.0]
GL20/40: 1.50 [38.0]
GL60: 1.97 [50.0]
.36 [9.2]
4.80 [122.0]
4 mm MTG HOLE (2X)
M3 INSERT MARKED “A” (4X)
1.09
[27.7]
3.54 [90.0]
.35 [9.0]
.55 [14.0]
3.15
[80.0]
2.76
[70.0]
KEYWAY DETAIL (2X)
0.14 [3.6] DIA
0.35 [8.8] DIA
0.25 [6.4] DIA
Figure 2: Mechanical Drawing
Overall Dimensions
GL20Series/GL40Series:5.90in.[150.0mm]x3.86in.[98.0mm]x1.50in.[38.0mm]
GL60Series:5.90in.[150.0mm]x3.86in.[98.0mm]x1.97in.[50.0mm]
Mounting
Threeoptionsareavailable:
1. BottommountingusingM3inserts.Maximumscrewprotrusionis0.08in.[2.0mm].
2. Sidemountingusing4mmclearholes,plustwokeyways.
3. SidemountingusingM3inserts.Maximumscrewprotrusionis0.24in.[6.0mm].
Technical Support
U.S.:(800)377-4384•International:(847)268-6000
E-mail:tech@solahd.com•Website:www.solahd.com
Page 2 of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com