| Electronic Components Datasheet Search |
|
LM75BDP Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LM75BDP Datasheet(HTML) 11 Page - NXP Semiconductors |
|
11 / 37 page ![]() LM75B All information provided in this document is subject to legal disclaimers. © NXP B.V. 2015. All rights reserved. Product data sheet Rev. 6.1 — 6 February 2015 11 of 37 NXP Semiconductors LM75B Digital temperature sensor and thermal watchdog 7.5 OS output and polarity The OS output is an open-drain output and its state represents results of the device watchdog operation as described in Section 7.1. In order to observe this output state, an external pull-up resistor is needed. The resistor should be as large as possible, up to 200 k , to minimize the Temp reading error due to internal heating by the high OS sinking current. The OS output active state can be selected as HIGH or LOW by programming bit B2 (OS_POL) of register Conf: setting bit OS_POL to logic 1 selects OS active HIGH and setting bit B2 to logic 0 sets OS active LOW. At power-up, bit OS_POL is equal to logic 0 and the OS active state is LOW. 7.6 OS comparator and interrupt modes As described in Section 7.1, the device OS output responds to the result of the comparison between register Temp data and the programmed limits, in registers Tos and Thyst, in different ways depending on the selected OS mode: OS comparator or OS interrupt. The OS mode is selected by programming bit B1 (OS_COMP_INT) of register Conf: setting bit OS_COMP_INT to logic 1 selects the OS interrupt mode, and setting to logic 0 selects the OS comparator mode. At power-up, bit OS_COMP_INT is equal to logic 0 and the OS comparator is selected. The main difference between the two modes is that in OS comparator mode, the OS output becomes active when Temp has exceeded Tth(ots) and reset when Temp has dropped below Thys, reading a register or putting the device into shutdown mode does not change the state of the OS output; while in OS interrupt mode, once it has been activated either by exceeding Tth(ots) or dropping below Thys, the OS output will remain active indefinitely until reading a register, then the OS output is reset. Temperature limits Tth(ots) and Thys must be selected so that Tth(ots) > Thys. Otherwise, the OS output state will be undefined. Table 13. Tos and Thyst limit data and value 11-bit binary (two’s complement) Hexadecimal value Decimal value Value 0 1111 1010 0FA 250 +125.0 C 0 0011 0010 032 50 +25.0 C 0 0000 0001 001 1 +0.5 C 0 0000 0000 000 0 0.0 C 1 1111 1111 1FF 1 0.5 C 1 1100 1110 1CE 50 25.0 C 1 1001 0010 192 110 55.0 C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |