Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPSUAF13AP Datasheet(PDF) 3 Page - Schneider Electric

Part # XPSUAF13AP
Description  Safety module, Harmony Safety Automation, Cat.4, potential free NC/NC, NO/NC, PNP/ PNP, 24v AC/DC, screw
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XPSUAF13AP Datasheet(HTML) 3 Page - Schneider Electric

  XPSUAF13AP Datasheet HTML 1Page - Schneider Electric XPSUAF13AP Datasheet HTML 2Page - Schneider Electric XPSUAF13AP Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
278 G
Package 1 Height
6.7 Cm
Package 1 width
13.7 Cm
Package 1 Length
15.5 Cm
Unit Type of Package 2
S03
Number of Units in Package 2
16
Package 2 Weight
5.176 Kg
Package 2 Height
30 Cm
Package 2 width
30 Cm
Package 2 Length
40 Cm
Package 3 Height
30 Cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Decla-
ration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information
WEEE
The product must be disposed on European Union markets following speci-
fic waste collection and never end up in rubbish bins
PVC free
Yes
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and-
lead compounds, which is known to the State of California to cause can-
cer and birth defects or other reproductive harm. For more information go-
to www.P65Warnings.ca.gov
Product Life Status :
Commercialised
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com