Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-L496G-CELL02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P-L496G-CELL02
Description  STM32 discovery pack for LTE IoT cellular to cloud
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P-L496G-CELL02 Datasheet(HTML) 1 Page - STMicroelectronics

  P-L496G-CELL02 Datasheet HTML 1Page - STMicroelectronics P-L496G-CELL02 Datasheet HTML 2Page - STMicroelectronics P-L496G-CELL02 Datasheet HTML 3Page - STMicroelectronics P-L496G-CELL02 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
May 2018
DB3530 Rev 2
1/4
P-L496G-CELL02
STM32 discovery pack for LTE IoT cellular to cloud
Data brief
Features
• STM32L496AGI6 microcontroller featuring
1 Mbyte of Flash memory and 320 Kbytes of
RAM in a UFBGA169 package
• USB OTG HS
• On-board current measurement
• SAI Audio CODEC
• ST-MEMS digital microphones
• 8-Mbit PSRAM
• 2 user LEDs
• 1 user and 1 reset push-buttons
• 4-direction joystick with selection button
• Board connectors:
– Camera 8 bit
– USB with Micro-AB
– Stereo headset jack including analog
microphone input
– microSD™ card
• Board expansion connectors:
– Arduino™ Uno V3
–STMod+
• Board expansion features:
– Quectel BG96 worldwide cellular modem
LTE Cat M1/Cat NB1/EGPRS module
300 kbps downlink, 375 kbps uplink
– Modem reset red LED and modem
signaling green LED
– ST Incard™ eSIM based on ST33
– Switchable SIM interface, eSIM and
MicroSIM
– Pulse SMA antenna for frequency ranges:
824 / 900 / 1800 / 1900 / 2100 MHz
• Flexible power-supply options: ST-LINK, USB
VBUS, or external sources
Picture is not contractual.
• On-board ST-LINK/V2-1 SWD,TAG
debugger/programmer with USB re-
enumeration capability: mass storage, virtual
COM port and debug port
• Comprehensive free software libraries and
examples available with the STM32Cube
package
• Support of a wide choice of Integrated
Development Environments (IDEs) including
IAR™, Keil®, GCC-based IDEs
Description
The P-L496G-CELL02 STM32 discovery pack for
LTE IoT cellular to cloud (STM32-C2C/LTE IoT) is
a turnkey development platform for cellular and
cloud technology based solutions.
The pack is composed of an STM32L496AGI6-
based low-power discovery mother board with
preloaded firmware, and an STMod+ cellular
expansion board with antenna.
www.st.com


Similar Part No. - P-L496G-CELL02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P-L496G-CELL02 STMICROELECTRONICS-P-L496G-CELL02 Datasheet
8Mb / 4P
STMod connector expansion board for STM32 Nucleo
10-Apr-2018
More results

Similar Description - P-L496G-CELL02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
STM32F3DISCOVERY STMICROELECTRONICS-STM32F3DISCOVERY Datasheet
216Kb / 3P
STM32 F3 series discovery kit
03-Sep-2012
STM32VLDISCOVERY STMICROELECTRONICS-STM32VLDISCOVERY Datasheet
117Kb / 3P
STM32 value line Discovery
09-Sep-2010
UM2153 STMICROELECTRONICS-UM2153 Datasheet
1Mb / 57P
Discovery kit for IoT node, multi-channel communicationwith STM32L4
28-Jun-2017
logo
u-blox AG
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
logo
Contec Co., Ltd
CPS-SD-FUJ-01 CONTEC-CPS-SD-FUJ-01 Datasheet
156Kb / 1P
Optional SD Card For FUJITSU Cloud Service IoT Platform
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
Digi International Inc.
XK3-C-N1-UT-E DIGI-XK3-C-N1-UT-E Datasheet
269Kb / 3P
DIGI XBEE 3 CELLULAR LTE-M/NB-IOT
logo
Nordic Semiconductor
NRF9160 NORDIC-NRF9160_V01 Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
logo
Advantech Co., Ltd.
ESRP-PCS-ADAM3600 ADVANTECH-ESRP-PCS-ADAM3600_V01 Datasheet
810Kb / 2P
Cloud-Enabled Modular DAQ Platform for Industrial IoT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com