Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8658XHJ Datasheet(PDF) 78 Page - Microsemi Corporation

Part # VSC8658XHJ
Description  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658XHJ Datasheet(HTML) 78 Page - Microsemi Corporation

Back Button VSC8658XHJ Datasheet HTML 74Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 75Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 76Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 77Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 78Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 79Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 80Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 81Page - Microsemi Corporation VSC8658XHJ Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
Electrical Specifications
VMDS-10242 VSC8658 Datasheet Revision 4.1
70
Figure 22 •
Serial LED Timing
6.4
Operating Conditions
The following table shows the recommended operating conditions for the VSC8658 device.
6.5
Stress Ratings
This section contains the stress ratings for the VSC8658 device.
Warning Stresses listed in the following table may be applied to devices one at a time without causing
permanent damage. Functionality at or exceeding the values listed is not implied. Exposure to these
values for extended periods may affect device reliability.
Table 80 •
Recommended Operating Conditions
Parameter
Symbol Minimum
Typical
Maximum
Unit
Power supply voltage for VDDIO at 1.8 V
VDDIO
1.70
1.80
1.90
V
Power supply voltage for VDDIO at 2.5 V
VDDIO
2.37
2.50
2.63
V
Power supply voltage for VDDIO at 3.3 V
VDDIO
3.13
3.30
3.47
V
Power supply voltage for VDD33
VDD33
3.13
3.30
3.47
V
Power supply voltage for VDD12
VDD12
1.14
1.20
1.26
V
Power supply voltage for VDD12A
VDD12A
1.14
1.20
1.26
V
Operating temperature(1)
1.
Lower limit of specification is ambient temperature, and upper limit is case temperature.
T0
90
°C
Table 81 •
Stress Ratings
Parameter
Symbol
Minimum
Maximum
Unit
DC input voltage on VDDIO supply pin
VDDIO
–0.5
4.0
V
DC input voltage on VDD33 supply pin
VDD33
–0.5
4.0
V
DC input voltage on VDD12 supply pin
VDD12
–0.5
1.4
V
DC input voltage on VDD12A supply pin
VDD12A
–0.5
1.4
V
DC input voltage on JTAG 5 V-tolerant pins
VDD(5 V)
–0.5
5.5
V
DC input voltage on any non-supply pin
VDD(PIN)
–0.5
VDD + 0.5
V
Storage temperature
TS
–65
150
oC
Electrostatic discharge voltage, charged device
model
VESD_CDM
–250
250
V
Electrostatic discharge voltage, human body model VESD_HBM
See note(1)
V
LED_CLK
LED_DATA
tCO
tCYC
tPAUSE
Bit 1
Bit 96
Bit 1
Bit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com