Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9219 Datasheet(PDF) 54 Page - ESS Technology,Inc

Part # ES9219
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219 Datasheet(HTML) 54 Page - ESS Technology,Inc

Back Button ES9219 Datasheet HTML 50Page - ESS Technology,Inc ES9219 Datasheet HTML 51Page - ESS Technology,Inc ES9219 Datasheet HTML 52Page - ESS Technology,Inc ES9219 Datasheet HTML 53Page - ESS Technology,Inc ES9219 Datasheet HTML 54Page - ESS Technology,Inc ES9219 Datasheet HTML 55Page - ESS Technology,Inc ES9219 Datasheet HTML 56Page - ESS Technology,Inc ES9219 Datasheet HTML 57Page - ESS Technology,Inc ES9219 Datasheet HTML 58Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
54
Extended Read-Write Registers
Register 128: CROSSTALK COMPENSATION CONFIG
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7]
[6]
[5:0]
Mnemonic
BYPASS_CT
ENABLE_PLL_LOCK
RESERVED
Bits
Mnemonic
Description
[7]
BYPASS_CT
Selects whether to disable the crosstalk compensation logic. The crosstalk compensation logic aims to
compensate the crosstalk issue in each channel by adding in a scaled signal from the other channel.
1’b0: Enable Crosstalk compensation.
1’b1: Disable Crosstalk compensation (default).
[6]
ENABLE_PLL_LOCK
Enables analog PLL lock indicator, which indicates whether the analog PLL is locked and stable or not.
1’b0: LOCK_STATUS is only controlled by the DPLL lock indicator (default).
1’b1: LOCK_STATUS is controlled by both DPLL lock indicator and analog PLL lock indicator.
LOCK_STATUS is set when both DPLL and analog PLL are locked.
[5:0]
RESERVED
NA
Register 129: RESERVED
Register 130-131: CROSSTALK SCALE CH1
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
CH1_CROSSTALK_SCALE
Bits
Mnemonic
Description
[15:0]
CH1_CROSSTALK_SCALE
A 16-bit signed scale factor for Ch1 crosstalk compensation. Ch2
signal is scaled by this factor and added into Ch1.
See CrossTalk Compensation
Register 132-133: CROSSTALK SCALE CH2
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[15:0]
Mnemonic
CH2_CROSSTALK_SCALE
Bits
Mnemonic
Description
[15:0]
CH2_CROSSTALK_SCALE
A 16-bit signed scale factor for Ch2 crosstalk compensation. Ch1
signal is scaled by this factor and added into Ch2.
See CrossTalk Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com