Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP08CDC596 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP08CDC596
Description  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596 Datasheet(HTML) 3 Page - STMicroelectronics

  STP08CDC596 Datasheet HTML 1Page - STMicroelectronics STP08CDC596 Datasheet HTML 2Page - STMicroelectronics STP08CDC596 Datasheet HTML 3Page - STMicroelectronics STP08CDC596 Datasheet HTML 4Page - STMicroelectronics STP08CDC596 Datasheet HTML 5Page - STMicroelectronics STP08CDC596 Datasheet HTML 6Page - STMicroelectronics STP08CDC596 Datasheet HTML 7Page - STMicroelectronics STP08CDC596 Datasheet HTML 8Page - STMicroelectronics STP08CDC596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STP08CDC596
3/20
Table 5: Thermal Data
Table 6: Recommended Operating Conditions
(1) If the device is connected in cascade, it may not be possible achieve the maximum data transfer. Please considered the timings carefully.
(2) In normal mode the OE/DM2 must remain low at least two clock cycles.
Table 7: Electrical Characteristics (VDD=5V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
DIP-16
SO-16
TSSOP16
Unit
Rthj-amb
Thermal Resistance Junction-ambient
90
125
140
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.3
5.5
V
VO
Output Voltage
16.0
V
IO
Output Current
OUTn
15
120
mA
IOH
Output Current
SERIAL-OUT
+1
mA
IOL
Output Current
SERIAL-OUT
-1
mA
VIH
Input Voltage
0.7VDD
VDD+0.3
V
VIL
Input Voltage
-0.3
0.3VDD
V
twLAT
LE/DM1 Pulse Width
VDD = 3.0 to 3.6V
10
20
ns
twCLK
CLK Pulse Width
10
20
ns
twEN
OE/DM2 Pulse Width (1)
120
400
ns
tSETUP(D) Setup Time for DATA
5
20
ns
tHOLD(D)
Hold Time for DATA
4
15
ns
tSETUP(L) Setup Time for LATCH
8
15
ns
fCLK
Clock Frequency (2)
25
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
0.7VDD
VDD
V
VIL
Input Voltage Low Level
GND
0.3VDD
V
IOH
Output Leakage Current
VOH = 16 V
10
µA
VOL
Output Voltage (Serial-OUT) IOL = 1mA
0.4
V
VOH
Output Voltage (Serial-OUT) IOH = -1mA
VDD-0.4V
V
IOL1
Output Current
VO = 0.7V REXT = 910 Ω
18.8
20.9
24.00
mA
IOL2
VO = 0.7V REXT = 360 Ω
46.00
51.5
56.5
mA
∆IOL1
Output Current Error
between bit (All Output ON)
VO = 0.7V REXT = 910 Ω
± 2
± 5
%
∆IOL2
VO = 0.7V REXT = 360 Ω
± 1
± 4
%
RSIN(up)
Pull-up Resistor
150
300
600
K
RSIN(down) Pull-down Resistor
100
200
400
K
IDD(OFF1) Supply Current (OFF)
REXT = OPEN
OUT 0 to 7 = OFF
0.45
0.7
mA
IDD(OFF2)
REXT = 910 Ω
OUT 0 to 7 = OFF
3.0
6.0
IDD(OFF3)
REXT = 360 Ω
OUT 0 to 7 = OFF
8.2
12.0
IDD(ON1)
Supply Current (ON)
REXT = 910 Ω
OUT 0 to 7 = ON
3.1
6.2
IDD(ON2)
REXT = 360 Ω
OUT 0 to 7 = ON
8.4
12.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com