Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7437N
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 11Page - STMicroelectronics TDA7437N Datasheet HTML 12Page - STMicroelectronics TDA7437N Datasheet HTML 13Page - STMicroelectronics TDA7437N Datasheet HTML 14Page - STMicroelectronics TDA7437N Datasheet HTML 15Page - STMicroelectronics TDA7437N Datasheet HTML 16Page - STMicroelectronics TDA7437N Datasheet HTML 17Page - STMicroelectronics TDA7437N Datasheet HTML 18Page - STMicroelectronics TDA7437N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
TDA7437N
The detection works separately for the left and the right channels (see Figg. 10, 11). Four different windows
threshold are software selectable by two dedicated bits.
bit D6 bit D5 WINDOW
0
0
Vref DC +/-280mV
0
1
Vref DC +/-140mV
1
0
Vref DC +/-70mV
1
1
Vref DC +/-35mV
The zero crossing mute activation/deactivation starts when the AC signal level falls inside the selected window
(internal comparator).
The ZEROCROSS Mute (and Pause) detector is always active. It can be disabled, if the feature is not used, by
forcing the bit D4 = 1 Zero crossing and Pause detector reset.
In this way the internal comparator logic is stopped, eliminating its switching noise.
The zero cross mute status is detected reading the Transmitted Byte bit ZM.
bit ZM = 1 zero cross mute status ON
bit ZM = 0 zero cross mute status OFF
PAUSE FUNCTION
On chip is implemented a pause detector block.
It uses the same 4 windows threshold selectable for the zero crossing mute, bit D6,D5 byte MUTE (see above).
The detector can be put in OFF by forcing bit D4 = 1, otherwise it is active.
The Pause detector info is available at PAUSE pin. A capacitor must be connected between PAUSE pin and
Ground.
When the incoming signal is detected to be outside the selected window, the external capacitor is discharged.
When the signal is inside the window, the capacitor is integrating up (see Figg.12 and 13).
a by reading directly the Pause pin level.The ON/OFF voltage threshold is 3.0V typical.Pause OFF = level
low (< 3.0V)Pause ON = level high ( ; 3.0V)
b by reading via I2C bus the Transmitted Byte, bit PP = 0 pause active.P = 1 no pause detected. The ex-
ternal capacitor value fixes the time constant.
The pull up current is 25uV typicalWith input signal
Vin = 1Vrm --; Vdc pin pause = 15mV
Vin = 0Vrms --; Vdc pin pause = 5.62V
For example choosing Cpause = 100nF the charge up constant is about 22ms. Instead with Cpause = 15nF the
charge up constant is about 360
µs.
The Pause detection is useful in applications like RDS, to perform noiseless tuning frequeny jumps avoiding to
mute the signal.
NO SYMMETRICAL BASS CUT RESPONSE
bit D7 = 0 No symmetrical
bit D7 = 1 Symmetrical
The Bass stage has the option to generate an unsymmetrical response, for cut mode settings (bass level from
-2db to - 14dB)
For example using a T-type band pass externa
The feature is useful for human ear equalization in noisy enviroments like cars etc.
See examples in Fig. 14 (symmetrical response) and Fig. 15 (unsymmetrical response).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com