Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3485ECDR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3485ECDR
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485ECDR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3485ECDR Datasheet HTML 3Page - STMicroelectronics ST3485ECDR Datasheet HTML 4Page - STMicroelectronics ST3485ECDR Datasheet HTML 5Page - STMicroelectronics ST3485ECDR Datasheet HTML 6Page - STMicroelectronics ST3485ECDR Datasheet HTML 7Page - STMicroelectronics ST3485ECDR Datasheet HTML 8Page - STMicroelectronics ST3485ECDR Datasheet HTML 9Page - STMicroelectronics ST3485ECDR Datasheet HTML 10Page - STMicroelectronics ST3485ECDR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
Electrical characteristics
DocID9102 Rev 11
7/24
Table 8: Transmitter electrical characteristics (VCC = 3 V to 3.6 V, TA = 0 to 70 °C for
ST3485ECDR, TA = -40 to 85 °C for ST3485EBDR, TA = -40 to 125 °C for ST3485EIDT and
ST3485EIYDT, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOD
Differential drive output
RL
= 100 Ω (RS-422) (Figure 2)
2
V
RL
= 54 Ω (RS-485) (Figure 2)
1.5
RL
= 60 Ω (RS-485) (Figure 3)
1.5
∆VOD
Change in magnitude of
driver differential output
voltage for
complementary output
states (1)
RL
= 54 Ω or 100 Ω (Figure 2)
0.2
VOC
Driver common mode
output voltage
RL
= 54 Ω or 100 Ω (Figure 2)
3
∆VOC
Change in magnitude of
driver common mode
output voltage(1)
RL
= 54 Ω or 100 Ω (Figure 2)
0.2
IOSD
Driver short-circuit output
current
±250
mA
Notes:
(1)∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Table 9: Receiver electrical characteristics (VCC = 3 V to 3.6 V, TA = 0 to 70 °C for
ST3485ECDR, TA = -40 to 85 °C for ST3485EBDR, TA = -40 to 125 °C for ST3485EIDT and
ST3485EIYDT, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTH
Receiver differential
threshold voltage
VCM = -7 V to 12 V, DE = 0
-0.2
0.2
V
∆VTH
Receiver input hysteresis
VCM = 0 V
70
mV
VOH
Receiver output high
voltage
IOUT = -4 mA, VID = 200 mV (Figure 4)
2
V
VOL
Receiver output low
voltage
IOUT = 4 mA, VID = -200 mV (Figure 4)
0.4
IOZR
3-state (high impedance)
output current at receiver
VCC = 3.6 V, VO = 0 V to VCC
±1
µA
RRIN
Receiver input resistance
VCM = -7 V to 12 V
24
IOSR
Receiver short-circuit
current
VRO = 0 V to VCC
7
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com