Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-8 Datasheet(PDF) 4 Page - 3M Electronics

Part # T-8
Description  3M??Petroleum Sorbents
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

T-8 Datasheet(HTML) 4 Page - 3M Electronics

  T-8 Datasheet HTML 1Page - 3M Electronics T-8 Datasheet HTML 2Page - 3M Electronics T-8 Datasheet HTML 3Page - 3M Electronics T-8 Datasheet HTML 4Page - 3M Electronics T-8 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Number
Size
Number /
Case
Shipping
Case Weight
lb (kg)
Nominal
capacity per case
ASTM F 726-81
gallons (liters)
Nominal
capacity per case
ASTM F 726-06
gallons (liters)
Booms
T-270
8 in diameter x 10 ft
(20 cm diameter x 3 m)
4
55 (25.0)
80 (300)
54 (204)
Not fully saturated after 15
minute test
T-280
Two side-by-side
4 in diameter x 10 ft
(10 cm diameter x 3 m)
4
28 (12.7)
40 (150)
27 (102)
Extrapolated from T-270
testing. Not fully saturated
after 15 minute test.
Drum Cover
P-DC22DD
high capacity
26 in x 26 in
(66 cm x 66 cm)
25
5 (2.3)
19 (72)
13 (48)
Folded
P-FL550DD
high capacity
5 in x 50 ft
(12 cm x 15 m)
3
14 (6.4)
31.5 (120)
26 (98)
Minibooms
T-4
3 in diameter x 4 ft
(7.5 cm diameter x 121 cm)
12
13 (5.9)
12 (45)
13 (49)
T-8
4 in diameter x 8 ft
(7.5 cm diameter x 243 cm)
6
13 (5.9)
12 (45)
13 (49)
T-12
4 in diameter x 12 ft
(7.5 cm diameter x 365 cm)
4
13 (5.9)
12 (45)
13 (49)
Pillows
T-30
mini-pillow
7 in x 15 in
(17 cm x 38 cm)
16
7 (3.2)
8 (30)
9 (34)
T-240
5 in x 14 in x 38 in
(12 cm x 35 cm x 96 cm)
10
28 (12.7)
35 (130)
41 (155)
29026
7 in x 15 in
(17 cm x 38 cm)
16
7 (3.2)
8 (30)
9 (34)
Sweep
T-126
21 in x 100 ft
(53 cm x 30 m)
1
15 (6.8)
25 (95)
16 (61)
Spill Kits
P-SKFL5
P-FL550DD at 26 ft
(7.9 m)
3 rolls
8 (3.4)
15 (57)
13 (50)
P-SKFL31
P-FL550DD
HP-156
2 rolls
30 pads
18 (8.1)
31 (117)
25 (93)
SRP-Petro
T-4
HP-156
9 mbms
15 pads
13 (5.8)
12 (45)
15 (56)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com