Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-CUBE-MCSDKY Datasheet(PDF) 3 Page - STMicroelectronics

Part # X-CUBE-MCSDKY
Description  STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-CUBE-MCSDKY Datasheet(HTML) 3 Page - STMicroelectronics

  X-CUBE-MCSDKY Datasheet HTML 1Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 2Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 3Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 4Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 5Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 6Page - STMicroelectronics X-CUBE-MCSDKY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Figure 2. STEVAL-SPIN3202 schematic (2 of 4)
1
2
3
4
5
S1751-46R
R60
NP
R27
OUTU
10R
R39
10K
R53
TP13
220NF
C39
NP
220µF
M3
1
D4
R23
62R
10R
R17
NP
R61
HOLE_3.2MM_6
680R
R49
R41
10R
VM
LSV
1
HSU
SENSEP
C23
C22
4148WS
220NF
N2
D8
N-MOS
1K
R56
OUTW
1
TP11
OPTICAL_TARGET
220µF
VBUS
C41
JP7
OPEN
220µF
VUSB
10PF
J4
GX_3xx
61300511121
10PF
M6
2
0.02R
R42
62R
2
Q1
10K
R55
D5
4148WS
JP2
Q6
N-MOS
2
HOLE_3.2MM_6
M4
C16
VDD
C17
1
R18
62R
1
1
1
R58
1K
000
PA2
2
4148WS
PA1
TP10
4148WS
680R
CLOSE
N-MOS
1
N-MOS
LSU
JUMPER1
M8
LSW
VBUS
R57
1K
M2
1
J3
691213510003
2
D7
C24
10PF
DL2
RED
S1751-46R
1
R36
62R
D6
4148WS
C40
M1
Q5
VBUS
VDD
OPTICAL_TARGET
N-MOS
Q2
R40
62R
680R
R48
PA0
R31
10R
S1751-46R
4148WS
J2
691213510002
TP7
D3
2
62R
R32
2
Q3
61300311121JP3
C38
220µF
NP
3
1
J1
691213510002
R26
0.02R
JP5
OPEN
Q4
SENSEN
N1
R11
M5
R22
10R
3
OUTV
C25
220NF
1
1
OPTICAL_TARGET
M7
JP6
OPEN
10R
R35
HSV
1
VBUS
S1751-46R
10K
R54
N-MOS
HSW
NP
R59
HOLE_3.2MM_6
HOLE_3.2MM_6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com