Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L476JG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L476JG
Description  SensorTile connectable sensor node: plug or solder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476JG Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L476JG Datasheet HTML 1Page - STMicroelectronics STM32L476JG Datasheet HTML 2Page - STMicroelectronics STM32L476JG Datasheet HTML 3Page - STMicroelectronics STM32L476JG Datasheet HTML 4Page - STMicroelectronics STM32L476JG Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Very compact module for motion, audio, environmental sensing and Bluetooth®
low energy connectivity with a complete set of firmware examples
•
Mobile connectivity via the STBLESensor app, available for iOS™ and
Android™
•
Main components:
–
STM32L476JG – 32-bit ultra-low-power MCU with Cortex®M4F
–
LSM6DSM – iNEMO inertial module: 3D accelerometer and 3D gyroscope
–
LSM303AGR – Ultra-compact high-performance eCompass module: ultra-
low power 3D accelerometer and 3D magnetometer
–
LPS22HB – MEMS nano pressure sensor: 260-1260 hPa absolute digital
output barometer
–
MP34DT05-A – 64 dB SNR digital MEMS microphone
–
BlueNRG-MS – Bluetooth low energy network processor
–
BALF-NRG-02D3 – 50 Ω balun with integrated harmonics filter
–
LD39115J18R – 150 mA low quiescent current low noise LDO 1.8 V
•
2 V - 5.5 V power supply range
•
External interfaces: UART, SPI, SAI (serial audio interface), I²C, DFSDM, USB
OTG, ADC, GPIOs
•
Pluggable or solderable interface
•
SWD interface for debugging and programming capability
•
CE certified
•
RoHS and China RoHS compliant
•
WEEE compliant
•
FCC certified
•
IC certified
•
TYPE certified
Description
The STEVAL-STLCS01V1 (SensorTile) is a highly integrated reference design that
can be plugged into form-factor prototypes, adding sensing and connectivity
capabilities to new designs through a smart hub solution. It can also easily support
development of monitoring and tracking applications like standalone sensor nodes
connected to iOS™ or Android™ smartphone applications.
The SensorTile occupies a very small 13.5 x 13.5 mm square outline, with all the
electronic components on the top side and a small connector on the bottom side to
plug it onto the cradle expansion board. The connector pinout is repeated on 18 PCB
pads to render the SensorTile a solderable system on module as well.
Refer to user manual UM2101 Getting started with the STEVAL-STLKT01V1
SensorTile integrated development platform for more information.
Product summary
SensorTile
connectable
sensor node
STEVAL-STLCS01V1
Ultra-low-power
microcontroller
with FPU ARM
Cortex-M4
STM32L476JG
Bluetooth low
energy network
processor
supporting
Bluetooth 4.1
core specification
BlueNRG-MS
MEMS audio
sensor
omnidirectional
digital
microphone
MP34DT05-A
SensorTile connectable sensor node: plug or solder
STEVAL-STLCS01V1
Data brief
DB2963 - Rev 4 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32L476JG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L476JG STMICROELECTRONICS-STM32L476JG Datasheet
2Mb / 232P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
03-Dec-2015
STM32L476JG STMICROELECTRONICS-STM32L476JG Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
More results

Similar Description - STM32L476JG

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV713V LITEON-LTV713V Datasheet
220Kb / 10P
DIRECTLY CONNECTABLE TO TTL
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
Directly connectable to TTL
logo
Advantech Co., Ltd.
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
Wireless Temperature & Humidity Sensor Node
ADAM-2632Z ADVANTECH-ADAM-2632Z Datasheet
1Mb / 1P
Wireless Temperature & Humidity Sensor Node
logo
List of Unclassifed Man...
R125077000 ETC2-R125077000 Datasheet
26Kb / 2P
STRAIGHT PLUG CRIMP OR SOLDER TYPE
logo
Cypress Semiconductor
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
Energy Harvesting PMIC for Wireless Sensor Node
logo
Advantech Co., Ltd.
WISE-1570 ADVANTECH-WISE-1570 Datasheet
341Kb / 2P
M2.COM NB-IoT Sensor Node
logo
STMicroelectronics
STEVAL-STWINKT1 STMICROELECTRONICS-STEVAL-STWINKT1 Datasheet
1Mb / 11P
SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
STEVAL-STWINBX1 STMICROELECTRONICS-STEVAL-STWINBX1 Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com