Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G474XB Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32G474XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32G474XB Datasheet HTML 69Page - STMicroelectronics STM32G474XB Datasheet HTML 70Page - STMicroelectronics STM32G474XB Datasheet HTML 71Page - STMicroelectronics STM32G474XB Datasheet HTML 72Page - STMicroelectronics STM32G474XB Datasheet HTML 73Page - STMicroelectronics STM32G474XB Datasheet HTML 74Page - STMicroelectronics STM32G474XB Datasheet HTML 75Page - STMicroelectronics STM32G474XB Datasheet HTML 76Page - STMicroelectronics STM32G474XB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 236 page
background image
DS12288 Rev 4
73/236
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
80
-
-
-
-
-
C4
97
B4
125
PE0
I/O
FT
-
TIM4_ETR,
TIM20_CH4N,
TIM16_CH1,
TIM20_ETR,
USART1_TX,
FMC_NBL0,
EVENTOUT
-
-
-
-
-
-
B3
98
C4
126
PE1
I/O
FT
-
TIM17_CH1,
TIM20_CH4,
USART1_RX,
FMC_NBL1,
EVENTOUT
-
-
-
47
63
79
-
99
B3
127
VSS
S
-
-
-
-
A9
48
48
64
80
-
100
A3
128
VDD
S
-
-
-
-
1. Function availability depends on the chosen device.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3
mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
3.
After a backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup
domain and RTC register descriptions in the reference manual RM0440 "STM32G4 Series advanced Arm®-based 32-bit
MCUs".
4. After reset, these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13, PB4
pins and the internal pull-down on PA14 pin are activated.
5.
It is recommended to set PB8 in another mode than analog mode after startup to limit consumption if the pin is left
unconnected.
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com