Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMIPID02/TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STMIPID02/TR
Description  Dual mode MIPI CSI-2 / SMIA CCP2 de-serializer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMIPID02/TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STMIPID02/TR Datasheet HTML 3Page - STMicroelectronics STMIPID02/TR Datasheet HTML 4Page - STMicroelectronics STMIPID02/TR Datasheet HTML 5Page - STMicroelectronics STMIPID02/TR Datasheet HTML 6Page - STMicroelectronics STMIPID02/TR Datasheet HTML 7Page - STMicroelectronics STMIPID02/TR Datasheet HTML 8Page - STMicroelectronics STMIPID02/TR Datasheet HTML 9Page - STMicroelectronics STMIPID02/TR Datasheet HTML 10Page - STMicroelectronics STMIPID02/TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
4
Control interface
The STMIPID02 is controlled through the 400 kHz I2C compatible slave command interface. The 8-bit device
address is 0x28 for write operations and 0x29 for read operations. The register index is a 16-bit format and the
register value is an 8-bit format. The external clock must be active for I2C slave operations.
Example
To write 0x15 in the register 0x02, the following sequence has to be applied:
S 0x28 A 0x00 A 0x02 A 0x15 A
To read the content of register 0x02:
S 0x28 A 0x00 A 0x02 A P S 0x29 A xx N P
Where S = START; P = STOP; A = ACK; N = NACK
Detailed control inteface timings are described in Section 11.5.2 I2C slave timing (SCL, SDA).
STMIPID02
Control interface
DS12803 - Rev 1
page 7/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50