Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM124A
Description  Low Power Quad Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124A Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM124A Datasheet HTML 2Page - National Semiconductor (TI) LM124A Datasheet HTML 3Page - National Semiconductor (TI) LM124A Datasheet HTML 4Page - National Semiconductor (TI) LM124A Datasheet HTML 5Page - National Semiconductor (TI) LM124A Datasheet HTML 6Page - National Semiconductor (TI) LM124A Datasheet HTML 7Page - National Semiconductor (TI) LM124A Datasheet HTML 8Page - National Semiconductor (TI) LM124A Datasheet HTML 9Page - National Semiconductor (TI) LM124A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LM124A 883 DC Electrical Characteristics
(The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device
ground.
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
Icc
Power Supply Current V+ = 5V
1.2
mA
1, 2, 3
V+ = 30V
3.0
mA
1
4.0
mA
2, 3
Isink
Output Sink Current
V+ = 15V, Vout = 200mV,
+Vin = 0mV, -Vin = +65mV
12
uA
1
V+ = 15V, Vout = 2V,
+Vin = 0mV, -Vin = +65mV
10
mA
1
5mA
2, 3
Isource
Output Source
Current
V+ = 15V, Vout = 2V,
+Vin = 0mV, -Vin = -65mV
-20
mA
1
-10
mA
2, 3
Ios
Short Circuit Current
V+ = 5V, Vout = 0V
-60
mA
1
Vio
Input Offset Voltage
V+ = 30V, Vcm = 0V
-2
2
mV
1
-4
4
mV
2, 3
V+ = 30V, Vcm = 28.5V
-2
2
mV
1
V+ = 30V, Vcm = 28V
-4
4
mV
2, 3
V+ = 5V, Vcm = 0V
-2
2
mV
1
-4
4
mV
2, 3
CMRR
Common Mode
Rejection Ratio
V+ = 30V, Vin = 0V to 28.5V
70
dB
1
±Iib
Input Bias Current
V+ = 5V, Vcm = 0V
-50
10
nA
1
-100
10
nA
2, 3
Iio
Input Offset Current
V+ = 5V, Vcm = 0V
-10
10
nA
1
-30
30
nA
2, 3
PSRR
Power Supply
Rejection Ratio
V+ = 5V to 30V, Vcm = 0V
65
dB
1
Vcm
Common Mode
Voltage Range
V+ = 30V
(Note 6)
28.5
V
1
(Note 6)
28
V
2, 3
Avs
Large Signal Gain
V+ = 15V, Rl = 2K Ohms,
Vo=1Vto11V
(Note 7)
50
V/mV
4
(Note 7)
25
V/mV
5, 6
Voh
Output Voltage High
V+ = 30V, Rl = 2K Ohms
26
V
4, 5, 6
V+ = 30V, Rl = 10K Ohms
27
V
4, 5, 6
Vol
Output Voltage Low
V+ = 30V, Rl = 10K Ohms
40
mV
4, 5, 6
V+ = 30V, Isink = 1uA
40
mV
4
100
mV
5, 6
V+ = 5V, Rl = 10K Ohms
20
mV
4, 5, 6
Channel Separation
Amp to Amp Coupling
1KHz, 20KHz
(Note 8)
80
dB
4
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com